Electronic Components Datasheet Search
  English  ▼

X  

78KF2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 78KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78KF2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 78KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
AC Characteristics
(1)Basic operation
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD =EVDD, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤5.5 V
0.1
16
µs
2.7 V
≤ VDD < 4.0 V
0.2
16
µs
High-speed
system
clock(fXH)
1.8 V
≤ VDD < 2.7 V
0.4
16
µs
2.7 V
≤ VDD < 5.5 V
0.25
4
µs
Main
system
clock(fXP)
operation
High-speed
Ring-OSC
clock(fRH)
1.8 V
≤ VDD < 2.7 V
0.5
4
µs
Instruction cycle (minimum
instruction execution time)
TCY
Subsystem clock(fSUB)operation
114
122
125
µs
4.0 V
≤ VDD ≤ 5.5 V
2.0
20.0
MHz
2.7 V
≤ VDD < 4.0 V
2.0
10.0
MHz
External main system clock
frequency
fEXCLK
1.8 V
≤ VDD < 2.7 V
2.0
5.0
MHz
External main system clock
input high-/low-level width
tEXCLKH,
tEXCLKL
(1/ fEXCLK
x 1/2) - 1
ns
External subsystem clock
frequency
fEXCLKS
32
32.768
35
kHz
External subsystem clock
input high-/low-level width
tEXCLKSH,
tEXCLKSL
(1/ fEXCLKS
x 1/2) - 5
ns
4.0 V
≤ VDD ≤ 5.5 V
2/fsam +
0.1
Note1
µs
TI000, TI010, TI001, TI011
input high-level width,
low-level width
tTIH0,
tTIL0
2.7 V
≤ VDD < 4.0 V
2/fsam +
0.2
Note1
µs
4.0 V
≤ VDD ≤ 5.5 V
10
MHz
2.7 V
≤ VDD < 4.0 V
10
MHz
TI50, TI51 input frequency
fTI5
1.8 V
≤ VDD < 2.7 V
5
MHz
4.0 V
≤ VDD ≤ 5.5 V
50
ns
2.7 V
≤ VDD < 4.0 V
50
ns
TI50, TI51 input high-level
width, low-level width
tTIH5,
tTIL5
1.8 V
≤ VDD < 2.7 V
100
ns
Interrupt input high-level
width, low-level width
tINTH,
tINTL
1
µs
Key return input low-level
width
tKR
250
ns
RESET low-level width
tRSL
10
Note2
µs
Notes 1. Selection of fsam = fPRS, fPRS /4, fPRS /256 or fPRS, fPRS /16, fPRS /64 is possible using bits 0 and 1
(PRM000,
PRM001
or
PRM010,PRM011)
of
prescaler
mode
register
00
and
01
(PRM00,PRM01). Note that when selecting the TI000 or TI001 valid edge as the count clock,
fsam = fPRS.
2. Input low level signal into RESET pin until power supply voltage is stabilized in the case of the
power supply voltage rise time is slowly (more than 3.4ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com