Electronic Components Datasheet Search
  English  ▼

X  

78KF2 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 78KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78KF2 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 78KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
Flash Memory Programming Characteristics
(TA = -40 to +85
°C, 2.3 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD = EVDD, VSS = EVSS = AVSS = 0 V)
(1) Basic characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD supply voltage
IDD
fXP = 10 MHz (TYP.), 20 MHz (MAX.)
4.5
11.0
mA
Chip unit
Teraca
20
T.B.D
ms
Erase time
Note1
Sector unit
Terasa
20
T.B.D
ms
Write time
Twrwa
50.
T.B.D.
µs
Number of rewrites per chip
Cerwr
1 erase + 1 write after erase = 1
rewrite
Note2
100
time
Notes 1. The prewrite time before erasure and the erase verify time (writeback time) are not included.
2.
When a product is first written after shipment, “erase
→ write” and “write only” are both taken
as one rewrite.
(2) Serial write operation characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Time from RESET
↑ to FLMD0 count
start
TRFCF
T.B.D
10
T.B.D
ms
Count execution time
TCOUNT
T.B.D
10
T.B.D
ms
FLMD0 counter high-/low-level width TCH/TCL
Tc x 0.45
µs
FLMD0 counter rise/fall time
TR/TF
12.5
µs
Remark
These values may change after evaluation.
Serial Write Operation
RESET
FLMD0
VDD
0 V
VDD
0 V
TRFCF
TCL
TF
TR
TCOUNT
TCH
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com