Electronic Components Datasheet Search
  English  ▼

X  

78KF2 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # 78KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78KF2 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button 78KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 28Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
LVI Circuit Characteristics (TA = -40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VLVI0
4.10
4.20
4.30
V
VLVI1
3.95
4.05
4.15
V
VLVI2
3.81
3.91
4.01
V
VLVI3
3.66
3.76
3.86
V
VLVI4
3.51
3.61
3.71
V
VLVI5
3.37
3.47
3.57
V
VLVI6
3.22
3.32
3.42
V
VLVI7
3.07
3.17
3.27
V
VLVI8
2.93
3.03
3.13
V
VLVI9
2.78
2.88
2.98
V
VLVI10
2.63
2.73
2.83
V
VLVI11
2.49
2.59
2.69
V
VLVI12
2.34
2.44
2.54
V
VLVI13
2.19
2.29
2.39
V
VLVI14
2.05
2.15
2.25
V
Supply voltage
level
VLVI15
1.90
2.00
2.10
V
Detection
voltage
External input
pin
Note1
EXLVI
EXLVI < VDD = EVDD
1.21
V
Minimum pulse width
tLW
T.B.D.
50
µs
Operation stabilization wait
time
Note2
TLWAIT1
10
T.B.D
µs
Note 1.
Using EXLVI/P120/INTP0 pin
2.
Time required from setting LVION to 1 to operation stabilization
Remark VLVI(n−1) > VLVIn : n = 1-15
LVI Circuit Timing
Supply voltage
(VDD)
Time
Detection voltage (MIN.)
Detection voltage (TYP.)
Detection voltage (MAX.)
tLW
tLD
tWAIT1
LVION
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com