Electronic Components Datasheet Search
  English  ▼

X  

78KF2 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 78KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78KF2 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 78KF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 25Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 26Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 27Page - List of Unclassifed Manufacturers 78KF2 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
A/D Converter Characteristics
(TA = -40 to +85
°C,1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD = EVDD, VSS = EVSS = AVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
10
bit
4.0 V
≤ AVREF ≤ 5.5 V
±0.4
%FSR
2.7 V
≤ AVREF ≤ 5.5 V
±0.6
%FSR
Overall error
Note1,2
AINL
AVREF < 2.7 V
T.B.D.
%FSR
4.0 V
≤ AVREF ≤ 5.5 V
6.6
30
µs
2.7 V
≤ AVREF ≤ 5.5 V
6.6
30
µs
Conversion time
tCONV
AVREF < 2.7 V
11
T.B.D.
µs
4.0 V
≤ AVREF ≤ 5.5 V
±0.4
%FSR
2.7 V
≤ AVREF ≤ 5.5 V
±0.6
%FSR
Zero-scale error
Note1,2
EZS
AVREF < 2.7 V
T.B.D.
%FSR
4.0 V
≤ AVREF ≤ 5.5 V
±0.4
%FSR
2.7 V
≤ AVREF ≤ 5.5 V
±0.6
%FSR
Full-scale error
Note1,2
EFS
AVREF <2.7 V
T.B.D.
%FSR
4.0 V
≤ AVREF ≤ 5.5 V
±2.5
LSB
2.7 V
≤ AVREF ≤ 5.5 V
±4.5
LSB
Integral linearity error
Note1
ILE
AVREF < 2.7 V
T.B.D.
LSB
4.0 V
≤ AVREF ≤ 5.5 V
±1.5
LSB
2.7 V
≤ AVREF ≤ 5.5 V
±2.0
LSB
Differential linearity error
Note1
DLE
AVREF < 2.7 V
T.B.D.
%FSR
Analog input voltage
VAIN
AVSS
AVREF
V
Notes 1. Excludes quantization error (
±1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
POC Circuit Characteristics (TA = -40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOC
1.3
1.5
1.7
V
Power supply rise time
tPTH
VDD : VPOC
→1.8 V (MIN. value of VDD)
75
T.B.D
mV/ms
Minimum pulse width
tPW
T.B.D.
50
µs
Notes 1. When voltage rises, time required from detection to reset release
2. When voltage drops, time required from detection to reset occur.
POC Circuit Timing
Supply voltage
(VDD)
Time
Detection voltage (MIN.)
Detection voltage (TYP.)
Detection voltage (MAX.)
tPTH
tPTHD
tPW
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com