Electronic Components Datasheet Search
  English  ▼

X  

MAX3580 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 8Page - Maxim Integrated Products MAX3580 Datasheet HTML 9Page - Maxim Integrated Products MAX3580 Datasheet HTML 10Page - Maxim Integrated Products MAX3580 Datasheet HTML 11Page - Maxim Integrated Products MAX3580 Datasheet HTML 12Page - Maxim Integrated Products MAX3580 Datasheet HTML 13Page - Maxim Integrated Products MAX3580 Datasheet HTML 14Page - Maxim Integrated Products MAX3580 Datasheet HTML 15Page - Maxim Integrated Products MAX3580 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Direct-Conversion TV Tuner
12
______________________________________________________________________________________
Detailed Description
Programmable Registers
The MAX3580 includes thirteen write/read registers and
three read-only registers. See Table 2 for register con-
figuration and the
Register Description section. The
register configuration of Table 2 shows each bit name
and the bit usage information for all registers. “U”
labeled under each bit name indicates that the bit
value is user defined to meet specific application
requirements. A “0” or “1” indicates that the bit must be
set to the defined “0” or “1” value for proper operation.
Operation is not tested or guaranteed if these bits are
programmed to other values and is only for
factory/bench evaluation. For field use, always program
to the defined operational state. Note that all registers
must be written after and no earlier than 100µs after
device power-up.
Table 2. Register Configuration
8-BIT DATA
REGISTER SETTINGS
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
OPERATION
DEFINED
DEFAULT
SETTINGS
(POR)
REGISTER
NAME
0x00
N7
U
N6
U
N5
U
N4
U
N3
U
N2
U
N1
U
N0
U
—
H17
N-Divider Integer
0x01
MP
0
LI1
0
LI0
0
INT
U
F19
U
F18
U
F17
U
F16
U
—
h18
N-Divider Frac2
0x02
F15
U
F14
U
F13
U
F12
U
F11
U
F10
U
F9
U
F8
U
—
h00
N-Divider Frac1
0x03
F7
U
F6
U
F5
U
F4
U
F3
U
F2
U
F1
U
F0
U
—
h00
N-Divider Frac0
0x04
TFS<7>
U
TFS<6>
U
TFS<5>
U
TFS<4>
U
TFS<3>
U
TFS<2>
U
TFS<1>
U
TFS<0>
U
—hDB
Tracking Filter
Series Caps
0x05
VCO_DIV1
U
VCO_DIV0
U
RFS
U
TF_BS
U
TFP<3>
U
TFP<2>
U
TFP<1>
U
TFP<0>
U
—
h7C
Tracking Filter
Parallel Cap
0x06
RDIV
U
ICP
U
CPS
U
ADLY1
0
ADLY0
1
LF_DIV2
U
LF_DIV1
U
LF_DIV0
U
—
h0A
PLL Configuration
0x07
CP_TST2
0
CP_TST1
0
CP_TST0
0
X
0
TURBO
1
LD_MUX2
U
LD_MUX1
U
LD_MUX0
U
—
h08
Test Functions
0x08
X
0
SHDN_BG
U
SHDN_PD
U
SHDN_REF
U
SHDN_SYN
U
SHDN_MX
U
SHDN_BB
U
SHDN_RF
U
—
h00
Shutdown Control
0x09
VCO1
U
VCO0
U
BS2
U
BS1
U
BS0
U
VAS
1
ADL
0
ADE
0
—
hC0
VCO Control
0x0A
BB_BW3
U
BB_BW2
U
BB_BW1
U
BB_BW0
U
X
0
PD_TH2
U
PD_TH1
U
PD+TH0
U
—
h87
Baseband Control
0x0B
BB_BIA
0
DC_DAC8
0
DC_MO1
1
DC_MO0
1
DC_SP1
1
DC_SP0
0
DC_TH1
0
DC_TH0
0
h38
h40
DC Offset Control
0x0C
DC_DAC7
0
DC_DAC6
0
DC_DAC5
0
DC_DAC4
0
DC_DAC3
0
DC_DAC2
0
DC_DAC1
0
DC_DAC0
0
h00
h00
DC Offset DAC
0x0D
X
0
FUSE_TH
0
X
0
WR
0
TFA<3>
U
TFA<2>
U
TFA<1>
U
TFA<0>
U
—
h00
ROM Table
Address
0x0E
TFD<7>
0
TFD<6>
0
TFD<5>
0
TFD<4>
0
TFD<3>
0
TFD<2>
0
TFD<1>
0
TFD<0>
0
h00
h00
ROM Table Fuse
Data
0x0F
X
0
X
0
X
0
X
0
MX_HR<3>
0
MX_HR<2>
0
MX_HR<1>
0
MX_HR<0>
0
h00
h00
Mixer Harmonic
Rejection
0x10
TFR<7>
TFR<6>
TFR<5>
TFR<4>
TFR<3>
TFR<2>
TFR<1>
TFR<0>
N/A
N/A
ROM Table Data
Read Back
0x11
POR
VASA
VASE
LD
DC_LO
DC_HI
GKT
PD_OVLD
N/A
N/A
Chip Status Read
Back
0x12
VCO1A
VCO0A
BS2A
BS1A
BS0A
ADC2
ADC1
ADC0
N/A
N/A
Autotuner Read
Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com