Electronic Components Datasheet Search
  English  ▼

X  

MAX3580 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 13Page - Maxim Integrated Products MAX3580 Datasheet HTML 14Page - Maxim Integrated Products MAX3580 Datasheet HTML 15Page - Maxim Integrated Products MAX3580 Datasheet HTML 16Page - Maxim Integrated Products MAX3580 Datasheet HTML 17Page - Maxim Integrated Products MAX3580 Datasheet HTML 18Page - Maxim Integrated Products MAX3580 Datasheet HTML 19Page - Maxim Integrated Products MAX3580 Datasheet HTML 20Page - Maxim Integrated Products MAX3580 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Direct-Conversion TV Tuner
______________________________________________________________________________________
19
RF Tracking Filter
The MAX3580 utilizes two narrowband RF tracking filters,
one for VHF and one for UHF. Each filter is comprised of
a fixed inductor and three digitally controlled variable
capacitors named series, shunt, and parallel capacitors.
The integrated RF tracking filters uses an external induc-
tor between IND1 and IND2 pins to set the filter’s center
frequency. The inductor value must be 68nH ±2% in
order to achieve the corner frequency response. The vari-
able capacitors are factory calibrated to this particular
inductor value. The value of each capacitor is also set to
compensate for process variation of each individual part
and to receive the desired RF channel.
The process variation is factory calibrated by determin-
ing the best capacitor values for three discrete frequen-
cies, which are stored in the on-chip ROM table. Upon
power-up these values (6 bytes total) have to be read
out of the MAX3580 ROM table and stored in the micro-
processor local memory.
When tuning the MAX3580 to a given Rx frequency, the
correct capacitor value has to be calculated using the
following linear formulas and written to the appropriate
registers. This is in addition to programming the PLL
with the desired frequency.
The formulas differ for VHF and UHF bands but are the
same for all three capacitor values. Since the factory
calibration coefficients stored on the MAX3580 can dif-
fer for each capacitor, the calculations have to be exe-
cuted for all three capacitor values separately.
VHF: Capacitor = ROM_value_VHF -
(RX_frequency_in_MHz - 200MHz ) / 10MHz
In other words, the capacitor values to be written to the
MAX3580 decrease 1 count per 10MHz above 200MHz
and increase accordingly below 200MHz.
UHF: Capacitor = ROM_value_UHF_lo -
(ROM_value_UHF_lo - ROM_value_UHF_hi)
x (RX_frequency_in_MHz - 470MHz ) / 390MHz
This means the capacitor values stored in the UHF_lo
entries of the MAX3580 ROM table are the correct values
for 470MHz reception and the UHF_hi values for 860MHz
reception. For any frequency in between, the capacitor
values are obtained by a simple linear interpolation.
Note: When tuning to frequencies above 860MHz
channel center frequency, do not use the formula
above, but rather keep programming the tracking filter
with the coefficients obtained for 860MHz.
Examples: Assuming the MAX3580 ROM table entries
are CSERIES VHF = 8, CSERIES UHF_lo = 15, CSERIES
UHF_hi = 3
208MHz:
CSERIES = 8 - round ( ( 208-200 ) / 10 ) = 7
(floating point division, round to nearest
integer after division)
8 - floor ( ( 208 - 200 + 5) / 10 ) = 7
(all calculations using signed integer values,
truncate result of division)
677MHz:
CSERIES = 15 - round ( (15-3) x (677 - 470) /
390 ) = 9 (floating point division, round to
nearest integer after division) 15 - floor
( ( ( 15-3) x (677-470) + 195 ) / 390 ) = 9
(all calculations using signed integer values,
truncate result of division)
Power-Supply Layout
To minimize coupling between different sections of the
IC, the ideal power-supply layout is a star configuration,
which has a large decoupling capacitor at the central
VCC node. The VCC traces branch out from this node,
with each trace going to separate VCC pins of the
MAX3580. Next to each VCC pin is a bypass capacitor
with a low impedance to ground at the frequency of
interest. Use at least one via per bypass capacitor for a
low-inductance ground connection.
The three ground pins (GND_PLL, GND_CP,
GND_TUNE) must be connected to the ground plane
by separate via holes and must not be directly connect-
ed to the exposed paddle.
Chip Information
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com