Electronic Components Datasheet Search
  English  ▼

X  

MAX3580 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3580
Description  Direct-Conversion TV Tuner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3580 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3580 Datasheet HTML 11Page - Maxim Integrated Products MAX3580 Datasheet HTML 12Page - Maxim Integrated Products MAX3580 Datasheet HTML 13Page - Maxim Integrated Products MAX3580 Datasheet HTML 14Page - Maxim Integrated Products MAX3580 Datasheet HTML 15Page - Maxim Integrated Products MAX3580 Datasheet HTML 16Page - Maxim Integrated Products MAX3580 Datasheet HTML 17Page - Maxim Integrated Products MAX3580 Datasheet HTML 18Page - Maxim Integrated Products MAX3580 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Direct-Conversion TV Tuner
______________________________________________________________________________________
15
DC Offset DAC (Register Address 0x0C)
DC_DAC<7:0>: Value to Program to I/Q DC Offset
DAC. Note that the MSB is located in the previous register.
Tracking Filter ROM Address
(Register Address 0x0D)
TFA<3:0>: Tracking Filter ROM Address. See Table 3.
Tracking Filter Write Data (Register Address 0x0E)
TFD<7:0>: Tracking Filter Data for ROM
Tracking Filter ROM Read Back (Read Only)
(Register Address 0x10)
TFR<7:0>: Tracking Filter ROM Data Read Back
Status (Read Only, for Factory Use Only)
(Register Address 0x11)
POR: Power-On Reset
0 = Power has not been reset since the last read.
1 = Power has been reset since the last read. Gets
reset after reading back address 8’h0C.
VASA, VASE: VCO Autotuner Status*
LD: PLL Lock Detector
0 = PLL unlocked
1 = PLL locked
DC_HI: DC Offset Correction Detected Positive Signal
Excursion in Either I or Q Channel*
DC_LO: DC Offset Correction Detected Negative Signal
Excursions in Either I or Q Channel*
PD_OVLD: Baseband Power Detector
0 = Baseband signal below threshold
1 = Baseband signal above threshold
Autotuner Read Back (Read Only, for Factory Use
Only) (Register Address 0x12)
VCOA<1:0> VCO Tank Selected by Autotuner*
BSA<1:0> Sub-Band VCO Selected by Autotuner*
ADC<2:0> VCO Tank Voltage ADC*
Table 3. MAX3580 Fuse Table
BYTE
7
6543
2
1
0
DESCRIPTION
00
Unused
Bias
Bias trim
01
VHF (200MHz) parallel cap
VHF (200MHz) series cap
VHF high series cap
02
Unused
VHF (200MHz) shunt cap
VHF shunt cap
03
UHF low (470MHz) parallel cap
UHF low (470MHz) series cap
UHF low series cap low
04
UHF high (860MHz) shunt cap
UHF low (470MHz) shunt cap
UHFhigh/low parallel cap
05
UHF high (860MHz) parallel cap
UHF high (860MHz) series cap
UHF high series cap
06
Baseband filter UHF (8MHz) coefficient.
Baseband filter VHF (7MHz) coefficient.
BB filter bandwidth
07
X
X
X
X
X
X
X
RO
Read only
*
Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com