Electronic Components Datasheet Search
  English  ▼

X  

80C188 Datasheet(PDF) 7 Page - Intel Corporation

Part # 80C188
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 Datasheet(HTML) 7 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Spring Ware Technical Specifications (cont.)
Global Tone Generation
Tone type
Generate single or dual tones
Frequency range
Programmable within 200 Hz to 4000 Hz
Frequency resolution
1 Hz
Duration
10 ms increments
Amplitude
–43 dBm0 to –3 dBm0 per tone nominal, programmable
MF Signaling
MF digits
0 to 9, KP, ST, ST1, ST2, ST3 per Bellcore LSSGR Sec 6, TR-NWT-000506
and CCITT Q.321
Transmit level
Complies with Bellcore LSSGR Sec 6, TR-NWT-000506
Signaling mechanism
Complies with Bellcore LSSGR Sec 6, TR-NWT-000506
Dynamic range for detection
–25 dBm0 to –3 dBm0 per tone
Acceptable twist
6 dB
Acceptable freq. variation
Less than ±1 Hz
Call Progress Analysis
Busy tone detection
Default setting designed to detect 74 out of 76 unique busy/congestion
tones used in 97 countries as specified by CCITT Rec. E., Suppl. #2.
Default uses both frequency and cadence detection. Application can
select frequency only for faster detection in specific environments.
Ring back detection
Default setting designed to detect 83 out of 87 unique ring back tones
used in 96 countries as specified by CCITT Rec. E., Suppl. #2. Uses both
frequency and cadence detection.
Positive voice detection accuracy
>98% based on tests on a database of real world calls in North America.
Performance in other markets may vary.
Positive voice detection speed
Detects voice in as little as 1/10th of a second
Positive answering machine detection
85% based on application and environment
accuracy
Fax/modem detection
Preprogrammed
Intercept detection
Detects entire sequence of the North American tri-tone. Other SIT tones
can be programmed.
Dial tone detection before dialing
Application enable/disable
Supports up to three different user-definable dial tones
Programmable dial tone drop out debouncing
Tone Dialing
DTMF digits
0 to 9, *, #, A, B, C, D per Bellcore LSSGR Sec 6, TR-NWT-000506
MF digits
0 to 9, KP, ST, ST1, ST2, ST3
Frequency variation
Less than ±1 Hz
Rate
10 digits/s, configurable by parameter**
Level
–4.0 dBm per tone, nominal, configurable by parameter**
Pulse Dialing
10 digits
0 to 9
Pulsing rate
10 pulses/s, nominal, configurable by parameter**
Break ratio
60% nominal, configurable by parameter**
Datasheet
Intel® Dialogic® DIALOG/4 Voice Board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com