Electronic Components Datasheet Search
  English  ▼

X  

80C188 Datasheet(PDF) 9 Page - Intel Corporation

Part # 80C188
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 Datasheet(HTML) 9 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
To learn more, visit our site on the World Wide Web at
http://www.intel.com.
1515 Route Ten
Parsippany, NJ 07054
Phone: 1-973-993-3000
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL® PRODUCTS. NO LICENSE, EXPRESS OR
IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT
AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO
LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF
INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE,
MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
Intel products are not intended for use in medical, life saving, life sustaining, critical control or safety systems, or in nuclear facility
applications.
Intel may make changes to specifications, product descriptions, and plans at any time, without notice.
Positive Answering Machine Detection/Positive Voice Detection
These performance results were measured using specific computer systems and/or components within specific lab environments and
under specific system configurations. Any difference in system hardware, software design, or configuration may affect actual
performance. The results are furnished for informational use only and should not be construed as a commitment by Intel. Intel assumes
no responsibility or liability for any errors or inaccuracies.
Outbound Dialing/Telemarketing
Outbound dialing systems may be subject to certain laws or regulations. Intel makes no representation that Intel products will satisfy
the requirements of any such laws or regulations (including, without limitation, any regulations dealing with telemarketing).
Intel, Intel Dialogic, Pentium, and the Intel logo are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the
United States and other countries.
Intel, Intel386, Intel486, Intel Dialogic, Pentium, and the Intel logo are trademarks or registered trademarks of Intel Corporation or its
subsidiaries in the United States and other countries.
* Other names and brands may be claimed as the property of others.
†
Average speech mandates +16 dB peaks above average and preserves
–13 dB valleys below average.
‡
Analog levels: 0 dBm0 corresponds to a level of +3 dBm at tip-ring analog point. Values vary depending on country requirements;
contact your Intel Sales Engineer.
Printed in the USA
Copyright © 2002-5 Intel Corporation
All rights reserved.
e Printed on recycled paper.
09/05
00-2419-008



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com