Electronic Components Datasheet Search
  English  ▼

X  

80C188 Datasheet(PDF) 6 Page - Intel Corporation

Part # 80C188
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 Datasheet(HTML) 6 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Spring Ware Technical Specifications
Audio Signal
Receive range
–50 dBm to –13 dBm (nominal), for average speech signals† configurable
by parameter**
Automatic gain control
Application can enable/disable. Above –18 dBm results in full-scale
recording, configurable by parameter.**
Silence detection
–38 dBm nominal, software adjustable**
Transmit level (weighted average)
–9 dBm nominal, configurable by parameter**
Transmit volume control
40 dB adjustment range, with application-definable increments and legal
limit cap
Frequency Response
24 Kb/s
300 Hz to 2600 Hz ±3 dB
32 Kb/s
300 Hz to 3400 Hz ±3 dB
48 Kb/s
300 Hz to 2600 Hz ±3 dB
64 Kb/s
300 Hz to 3400 Hz ±3 dB
Audio Digitizing
24 Kb/s
ADPCM @ 6 kHz sampling
32 Kb/s
ADPCM @ 8 kHz sampling
48 Kb/s
µ-law PCM @ 6 kHz sampling
64 Kb/s
µ-law PCM @ 8 kHz sampling
Digitization selection
Selectable by application on function call-by-call basis
Playback speed control
Pitch controlled
Available for 24 and 32 Kb/s data rates
Adjustment range: ±50%
Adjustable through application or programmable DTMF control
DTMF Tone Detection
DTMF digits
0 to 9, *, #, A, B, C, D per Bellcore* LSSGR Sec 6
Dynamic range
Default set to –36 dBm to –3 dBm per tone, configurable by parameter**
Minimum tone duration
40 ms, can be increased with software configuration
Interdigit timing
Detects like digits with a 40 ms interdigit delay. Detects different digits
with a 0 ms interdigit delay.
Twist and frequency variation
Meets Bellcore LSSGR Sec 6 and EIA 464 requirements
Acceptable twist
10 dB
Signal/noise ratio
10 dB (referenced to lowest amplitude tone)
Noise tolerance
Meets Bellcore LSSGR Sec 6 and EIA 464 requirements for Gaussian,
impulse, and power line noise tolerance
Cut-through
Detects down to –36 dBm per tone into 600 Ohm load impedance
Talk off
Detects less than 20 digits while monitoring Bellcore TR-TSY-000763
standard speech tapes. (LSSGR requirements specify detecting no more
than 470 total digits.) Detects 0 digits while monitoring MITEL speech tape
#CM 7291.
Global Tone Detection
Tone type
Programmable for single or dual
Max. number of tones
Application-dependent
Frequency range
Programmable within 300 Hz to 3500 Hz
Max. frequency deviation
Programmable in 5 Hz increments
Frequency resolution
Less than 5 Hz. NOTE: Certain limitations exist for dual tones closer than
125 Hz apart.
Timing
Programmable cadence qualifier, in 10 ms increments
Dynamic range
Programmable, default set at –36 dBm to +3 dBm per tone
Intel® Dialogic® DIALOG/4 Voice Board
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com