Electronic Components Datasheet Search
  English  ▼

X  

80C188 Datasheet(PDF) 3 Page - Intel Corporation

Part # 80C188
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188 Datasheet(HTML) 3 Page - Intel Corporation

  80C188 Datasheet HTML 1Page - Intel Corporation 80C188 Datasheet HTML 2Page - Intel Corporation 80C188 Datasheet HTML 3Page - Intel Corporation 80C188 Datasheet HTML 4Page - Intel Corporation 80C188 Datasheet HTML 5Page - Intel Corporation 80C188 Datasheet HTML 6Page - Intel Corporation 80C188 Datasheet HTML 7Page - Intel Corporation 80C188 Datasheet HTML 8Page - Intel Corporation 80C188 Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Functional Description
The Intel® Dialogic® DIALOG/4 board uses a unique dual-
processor architecture that combines the signal processing
capabilities of a digital signal processor (DSP) with the
decision-making and data movement functionality of a
general-purpose 80C188 control microprocessor. This
dual-processor approach offloads many low-level decision-
making tasks from the host computer, enabling develop-
ment of more powerful applications.
This architecture
■ handles real-time events
■ manages data flow to the host PC for faster system
response time
■ reduces host PC processing demands
■ processes DTMF and telephony signaling
■ frees the DSP to perform signal processing on the
incoming call
Each of four loop start telephone line interfaces on the
DIALOG/4 board receives analog voice and telephony
signaling information from the telephone network (see
block diagram). Each line interface uses reliable, solid-
state hook switches (no mechanical contacts) and FCC
part 68 class B ring detection circuitry. This FCC-
approved ring detector is less susceptible to spurious
rings created by random voltage fluctuations on the net-
work. Each interface incorporates circuitry that protects
against high-voltage spikes and adverse network condi-
tions, letting applications go off-hook any time during ring
cadence without damaging the board.
Inbound telephony signaling (ring and loop current detec-
tion) are conditioned by the line interface and routed via a
control bus to the control processor. The control proces-
sor responds to these signals, informs the application of
telephony signaling status, and instructs the line interface
to transmit outbound signaling (on-hook/off-hook) to the
telephone network.
The audio voice signal from the network is sent through a
bandpass filter, conditioned by the line interface, and then
applied to a COder/DECoder (CODEC) circuit. The
CODEC filters, samples, and digitizes the inbound analog
audio signal and passes the digitized signal to a
Motorola* DSP.
Based on Spring Ware firmware loaded in DSP RAM, the
DSP performs the following signal analysis and opera-
tions on this incoming data:
■ automatic gain control (AGC) to compensate for varia-
tions in the level of the incoming audio signal
■ applies an Adaptive Differential Pulse Code Modulation
(ADPCM) or Pulse Code Modulation (PCM) algorithm to
compress the digitized voice and save disk storage
space
■ detects the presence of tones — DTMF, MF, or an
application-defined single- or dual-frequency tone
■ silence detection to determine whether the line is quiet
and the caller is not responding
For outbound data, the DSP performs the following oper-
ations:
■ expands stored, compressed audio data for playback
■ adjusts the volume and rate of speed of playback upon
application or user request
■ generates tones — DTMF, MF, or any application-
defined general-purpose tone
3
Datasheet
Intel® Dialogic® DIALOG/4 Voice Board
Code/Data
DRAM
80C188
Control
Processor
Shared RAM
PC XT/AT BUS
DSP
CODEC
Line
Interface
To
Central
Office
or PBX
DSPRAM
IRQ
DATA
Control Bus
1 of 4 Shown



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com