Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Type SE35 + S077
8 | 20
Visit product website 
Process/Pipe connection & communication
Electrical connection
Cable glands M20 × 1.5
Environment and installation
Ambient temperature
Operation and storage:
• variant 12…36 V DC: 0…+ 60 °C (+ 32…+ 140 °F)
• variant 115/230 V AC: 0…+ 50 °C (+ 32…+ 122 °F)
2.
Product versions
2.1. Flowmeter
Flowmeter with standard output signal
The device operates on a 2- or 3-wire system and needs a 12…36 V DC or a 115/230 V AC power supply.
The device is equipped with:
• an analogue output (4…20 mA current output)
• a digital output (pulse output) and
• two totalizers.
Some variants are also fitted with two fully configurable relay outputs.
The device allows:
• through the digital or relay outputs
– to switch a solenoid valve
– to activate an alarm
– to generate a flow rate proportional frequency
• through the analogue output to establish a control loop
2.2. Batch controller
The device needs a voltage supply of 12…36 V DC or 115/230 V AC.
The device is equipped with:
• four digital inputs (DI1 to DI4),
• two transistor outputs (DO1 configured as a pulse output and DO4 configured as state output, by default),
• two relay outputs (DO2 always configured to control the valve and by default parametrise of 100 % of the batch
quantity and DO3 configured as alarm output by default),
• two volume or mass totalizers and two totalizers for the number of batches performed.
The second relay output can be used to activate another valve, to initiate alarms or to generate warnings.
When mounted in a pipe in series with one or two valves, the batch controller makes it possible to carry out a dosing
of one or several quantities of liquids. The unit controls the opening of the valves and measures the quantity of the
fluid which flows. The unit also closes the valves when the pre-set quantity has been delivered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com