Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Type SE35 + S077
10 | 20
Visit product website 
4.2. Material specifications
Note:
Flowmeter with standard output signal or batch controller
Transmitter
Type SE35
Inline
sensor-fitting,
Type S077
Flowmeter
or
batch controller
Type SE35 + S077
11
1
2
4
5
6
7
9
3
12
8
14
13
Top
interior view
10
No. Element
Material
1
Screws
Stainless steel
2
Front panel folio
Polyester
3
Housing, cover, lid
PC
4
Screws
Stainless steel
5
Male fixed plug (DIN EN 175301-803)
PA
6
Electrical contact
Sn
7
Screw
Stainless steel
8
Quarter turn system
PC
9
Female cable plug (DIN EN 175301-803)
• Body, contact holder and cable gland in PA
• Cable gland seal and flat seal in NBR
10 M20 x 1.5 cable gland
PA
11 Sensor-fitting body
Stainless steel
12 Seal
FKM or FEP/PTFE encapsulated
13 Oval gear
PPS, aluminium or stainless steel (316L)
14 Axis
Stainless steel (316L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com