Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Visit product website 
DATA SHEET
Type 8611
eCONTROL - Universal
controller
Type 8619
multiCELL - Multi-channel
and multi-function
transmitter/controller
Type 8802
ELEMENT continuous
control valve systems
- overview
Type 8644
AirLINE SP electropneu-
matic automation system
Standard | EN | en | 2023-12-18 | 05
Inline positive displacement (PD) flowmeter or Inline batch
controller
• Display for indication of flow rate and volume with two totalizers or
dosing
• Automatic calibration using Teach-In
• Inputs (with batch controller) and all outputs can be checked without
the need for actual flow
• Total and day counters for batch quantity and number of dosing,
volume or mass counter indicator (with batch controller)
The device Type SE35 + S077 is specially designed for continuous flow measure-
ment of highly viscous fluids like glue, honey or oil. slightly aggressive, solid-free
liquids. The device is provided as flowmeter or batch controller.
The device is made up of a compact Inline sensor-fitting with oval gears (Type S077)
and a transmitter with display (Type SE35). The device is quickly and easily assem-
bled thanks to a bayonet mounting and locking system. The Bürkert “Inline quar-
ter-turn” technology ensures a leakage-free operation.
The Bürkert designed sensor-fitting system ensures simple installation of the
devices into all pipelines from DN 15…DN 100.
The flowmeter is specially designed to switch a valve and to establish a monitoring
system or an On/Off control loop.
The batch controller is designed to carry out a dosing of one or several quantities
of liquids, when mounted in series in a pipe with one or two valves.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type SE35 + S077
© Christian Bürkert GmbH & Co. KG, Änderungen vorbehalten


Similar Part No. - 8802

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8802 BURKERT-8802 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8802 BURKERT-8802 Datasheet
825Kb / 14P
Inline flowmeter for continuous measurements
15.12.2023
8802 BURKERT-8802 Datasheet
444Kb / 8P
Paddle-wheel sensor for low-flow rates
15.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 23P
Inline flowmeter or Inline batch controller, with paddle wheel
18.12.2023
8802 BURKERT-8802 Datasheet
1Mb / 19P
Insertion magnetic inductive flowmeter
19.12.2023
More results

Similar Description - 8802

ManufacturerPart #DatasheetDescription
logo
CUI INC
IA-MS6335 CUI-IA-MS6335 Datasheet
282Kb / 3P
AUDIO INLINE ADAPTER
IA-MM3563 CUI-IA-MM3563 Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
logo
PHOENIX CONTACT
2727608 PHOENIX-2727608 Datasheet
90Kb / 3P
Inline connector, colored
2729622 PHOENIX-2729622 Datasheet
60Kb / 3P
Connector set, for Inline Remote Field Controller
2737083 PHOENIX-2737083 Datasheet
43Kb / 2P
Connector set for the Inline controller
logo
Pepperl+Fuchs Inc.
KC-LCD-24-24VDC PF-KC-LCD-24-24VDC Datasheet
824Kb / 2P
Pulse/batch controller
logo
CUI Devices
IA-MM2535 CUID-IA-MM2535 Datasheet
306Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MM6335B CUID-IA-MM6335B Datasheet
296Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-MS2535 CUID-IA-MS2535 Datasheet
310Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
IA-S2S3535 CUID-IA-S2S3535 Datasheet
311Kb / 3P
AUDIO INLINE ADAPTER
10/18/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com