Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Inline positive displacement (PD) flowmeter or Inline batch controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Type SE35 + S077
15 | 20
Visit product website 
Flowmeter with a standard output signal
The device has 2 operating levels:
• the process level
• the configuration level, which comprises the parameters and the test menus
Operating level
Functions
Process
• Indication of
– the value of the measured flow
– the value of the 4…20 mA output
– the value of the main totalizer
– the value of the daily totalizer
• Reset the daily totalizer
• Access to the Parameters and Test menus of the Configuration level
Configuration -
parameters menu
• To make the settings needed for operation:
– language
– engineering units (International measuring units)
– K-factor/Teach-In function
– 4…20-mA-current output
– pulse output
– relay (on devices with relays)
– filter (damping)
– reset both totalizers
Configuration - test
menu
• To adjust the Offset and Span of the 4…20 mA current output
• To read the rotational frequency of the paddle wheel
• To check the correct operating of the outputs with simulating a flow rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com