Electronic Components Datasheet Search
  English  ▼

X  

PCF5077T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF5077T Datasheet HTML 1Page - NXP Semiconductors PCF5077T Datasheet HTML 2Page - NXP Semiconductors PCF5077T Datasheet HTML 3Page - NXP Semiconductors PCF5077T Datasheet HTML 4Page - NXP Semiconductors PCF5077T Datasheet HTML 5Page - NXP Semiconductors PCF5077T Datasheet HTML 6Page - NXP Semiconductors PCF5077T Datasheet HTML 7Page - NXP Semiconductors PCF5077T Datasheet HTML 8Page - NXP Semiconductors PCF5077T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1997 Nov 19
5
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
The register information is written via a 3-wire serial bus
(see Sections “Serial bus programming” and “Data
format”).
The output of pin DF is for general purpose which can
have three different states (LOW, HIGH and 3-state),
depending on the values of bits DF0 and DF1 in the serial
register.
Dual supply pins are provided for the analog and digital
blocks.
Reset function
After switching on the power supply, the on-chip reset is
active for maximal 50
µs when the rising slope of VDDD has
reached 1.5
±0.4 V. During this reset, all controllers are
set to the home position and the registers are set to their
default values. If the supply voltage drops below the reset
threshold a constant reset will appear.
Operating conditions
PD = LOW
The serial bus interface is operating, e.g. all registers can
be programmed but no effect will be seen on any pin.
The contents of the registers are passed to the rest of the
circuit only during power-up and with the 13 MHz master
clock applied.
If the low-swing input buffer at pin CLK13 is switched off,
neither the SC-adder nor the slope generator will function.
This means that after the chip is powered-up, the outputs
have to settle again to the programmed register values.
The settling time is dominated by the slow power-up of the
band gap of typically 50
µs.
When the chip is used in the burst mode, it is important to
switch on the PCF5077T before the power module or the
RF power. Otherwise it is possible that a positive spike at
VINT(O) will open the power module.
A safe value is tON = 200 µs between the switching on of
the PCF5077T and the switching on of the power module
respectively the next TRIG (see Fig.3).
PD = HIGH
The whole chip is active. CLK13 clocks the internal state
machine as well as the SC-adder and slope generator.
Every change at TRIG is recognized if the master clock is
running. The contents of the serial bus registers are
processed. If the master clock is switched off during
power-up, the state machine is stopped and the output of
the SC-adder and slope generator becomes undefined.
Nevertheless, by reactivating the master clock, the output
of the SC-adder and slope generator will settle to the old
values again.
The analog integrating controller
The analog integrating controller consists of two
operational amplifiers (OP1 and OP4) and a comparator.
OP1 amplifies the sensor signal and OP4 is used to form
a differential integrator. The comparator is used to limit the
integrator output voltage to the value selected by bits Lim1
and Lim0 in the limiter register.
A (Schottky) diode D1 as external rectifier is connected to
pin VS. The SC-adder block generates the voltage for the
ramping of the power module.The differential integrator
integrates the difference of this voltage and the voltage
detected at the diode. The integrator output voltage VINT(O)
is used to control the power amplifier module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com