Electronic Components Datasheet Search
  English  ▼

X  

PCF5077T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF5077T Datasheet HTML 14Page - NXP Semiconductors PCF5077T Datasheet HTML 15Page - NXP Semiconductors PCF5077T Datasheet HTML 16Page - NXP Semiconductors PCF5077T Datasheet HTML 17Page - NXP Semiconductors PCF5077T Datasheet HTML 18Page - NXP Semiconductors PCF5077T Datasheet HTML 19Page - NXP Semiconductors PCF5077T Datasheet HTML 20Page - NXP Semiconductors PCF5077T Datasheet HTML 21Page - NXP Semiconductors PCF5077T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Nov 19
18
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
Application in mobile stations
Using a directional coupler with 16.5 dB attenuation
produces a sensor signal between 100 mV and 3 V below
the diode forward voltage at pin VS for the PA output
power range of 8 to 36 dBm.
The sensor voltage of 3 V at pin VS corresponds to the
maximum DAC output voltage. The power range that can
be controlled is therefore not limited by the sensor voltage
input VS and higher power levels can be controlled with
the control loop switched on.
Fig.10 Application diagram for mobile stations.
handbook, full pagewidth
PCF5077T
3-wire
serial
bus
120 pF
C1
33 pF
C3
RF POWER
AMPLIFIER
RF
C2
8.2 to 39 pF
R1
1 k
Ω
antenna
sensor
MGK911
1
VS
TRIG
PD
CLK13
STROBE
CLK
DATA
VSSD
VSSA
VINT(O)
VINT(N)
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com