Electronic Components Datasheet Search
  English  ▼

X  

PCF5077T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF5077T Datasheet HTML 12Page - NXP Semiconductors PCF5077T Datasheet HTML 13Page - NXP Semiconductors PCF5077T Datasheet HTML 14Page - NXP Semiconductors PCF5077T Datasheet HTML 15Page - NXP Semiconductors PCF5077T Datasheet HTML 16Page - NXP Semiconductors PCF5077T Datasheet HTML 17Page - NXP Semiconductors PCF5077T Datasheet HTML 18Page - NXP Semiconductors PCF5077T Datasheet HTML 19Page - NXP Semiconductors PCF5077T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1997 Nov 19
16
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
ADJUSTMENT OF THE HOME POSITION
The 6-bit DAC for VHOME determines the start point of the
burst in the time template. Curve 2 in Fig.8 shows what
happens when VHOME is too low. The burst starts too late
and the up-ramping of the power is too steep. The steep
up-ramping results in a wide transient spectra. The RF
input power shall be switched off when the TRIG signal is
LOW to keep the
−70 dB margin before the burst.
The home position has to be adjusted for each mobile
phone because of DAC tolerances and individual PA
characteristics.
The temperature coefficients for VHOME (−2 and −4 mV/K)
are used to compensate the temperature shift of the PA
control curve. Therefore the PA and the controller shall be
placed nearby on the printed-circuit board. Additionally it
has to be considered that the temperature of the PA and
PCF5077T are different because the PA heats up itself.
Software may help to adapt VHOME to different
temperatures.
ADJUSTMENT OF V
KICK
After the falling edge of HPA the integrator starts to
increase the control voltage up to the position of VKICK
where the PA should have reached its active region.
Increasing VKICK at high power level makes the up ramping
of the burst smoother and improves the transient spectra.
VKICK must be reduced for low level of VPL to avoid that
both voltages become equal. Setting VKICK to minimum
value for the lowest power level can be sufficient.
At low power level the burst will start later because of the
bend sensor curve (see Fig.7). The trigger pulse has to be
started up to 3 bits earlier for the lowest power level to
avoid that the power is ramped up too late for the first data
bits of the burst.
LIMIT FOR CORRECT DOWN-RAMPING
The maximum RF power that the power module in
saturation is able to deliver depends on RF input power,
transmit frequency, supply voltage, temperature and load
impedance. The maximum VPL must be matched to the
worst case output power and then reduced by 1 dB when
the PCF5077T is used in closed loop mode.
Curve 2 in Fig.9 shows what happens when the PA is
driven into saturation. The down-ramping of the power is
getting too steep and therefore the transient spectra will be
too wide. The 1 dB margin is necessary because of the flat
PA control curve at high power level. The loop needs more
time to reduce the power during the down-ramping and the
control voltage increases. The high control voltage forces
the power quickly down when the steep region of the
control curve is achieved. The steep down-ramping results
in a wide transient spectra.
Fig.7 Sensor voltage as a function of output power (diode BAT62).
handbook, halfpage
35
−55
015
10
1
10−1
10−2
MGK915
25
30
10
20
VS
(V)
P (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com