Electronic Components Datasheet Search
  English  ▼

X  

PCF5077T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF5077T
Description  Power amplifier controller for GSM and PCN systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5077T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF5077T Datasheet HTML 10Page - NXP Semiconductors PCF5077T Datasheet HTML 11Page - NXP Semiconductors PCF5077T Datasheet HTML 12Page - NXP Semiconductors PCF5077T Datasheet HTML 13Page - NXP Semiconductors PCF5077T Datasheet HTML 14Page - NXP Semiconductors PCF5077T Datasheet HTML 15Page - NXP Semiconductors PCF5077T Datasheet HTML 16Page - NXP Semiconductors PCF5077T Datasheet HTML 17Page - NXP Semiconductors PCF5077T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Nov 19
14
Philips Semiconductors
Preliminary specification
Power amplifier controller for GSM and
PCN systems
PCF5077T
TIMING CHARACTERISTICS
VDDA1,VDDA2 and VDDD = 2.7 to 6.0 V; VDDD =VDDA1 ≤ VDDA2; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
TYP.
UNIT
Controller timing; see Fig.3
td(TRIG-B)
delay from positive TRIG edge to time B = 13
⁄6Tcy
−
1.0
µs
td(B-C)
delay from time B to time C = 18Tcy
−
8.31
µs
td(TRIG-E)
delay from negative TRIG edge to time E = 13
⁄6Tcy
−
1.0
µs
td(E-G)
delay from time E to time G = 38Tcy
−
17.54
µs
Serial bus timing; see Fig.6
SERIAL PROGRAMMING CLOCK (PIN CLK)
tr
rise time
−
10
ns
tf
fall time
−
10
ns
Tcy
clock period
100
−
ns
ENABLE PROGRAMMING (PIN STROBE)
tstart
strobe start time to first clock edge
0
−
ns
tend
strobe end time after last clock edge
40
−
ns
REGISTER SERIAL INPUT DATA (PIN DATA)
tsu
input data to CLK set-up time
20
−
ns
th
input data to CLK hold time
20
−
ns
Fig.6 Serial bus timing diagram.
handbook, full pagewidth
th
tstart
tend
tsu
Tcy
LSB
CLK
DATA
STROBE
MSB
MGK913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com