Electronic Components Datasheet Search
  English  ▼

X  

PCF8812 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8812 Datasheet HTML 1Page - NXP Semiconductors PCF8812 Datasheet HTML 2Page - NXP Semiconductors PCF8812 Datasheet HTML 3Page - NXP Semiconductors PCF8812 Datasheet HTML 4Page - NXP Semiconductors PCF8812 Datasheet HTML 5Page - NXP Semiconductors PCF8812 Datasheet HTML 6Page - NXP Semiconductors PCF8812 Datasheet HTML 7Page - NXP Semiconductors PCF8812 Datasheet HTML 8Page - NXP Semiconductors PCF8812 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
2000 Nov 22
5
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
6
PINNING
7
PIN FUNCTIONS
7.1
Pin functions
7.1.1
ROW 0 TO ROW 64 ROW DRIVER OUTPUTS
These pads output the row signals.
7.1.2
COL 0 TO COL 101 COLUMN DRIVER OUTPUTS
These pads output the column signals.
7.1.3
VSS1 AND VSS2: NEGATIVE POWER SUPPLY RAILS
The 2 supply rails VSS1 and VSS2 must be connected
together.
7.1.4
VDD1 TO VDD3: POSITIVE POWER SUPPLY RAILS
VDD2 and VDD3 are the supply voltage for the internal
voltage generator. Both have the same voltage and may
be connected together outside of the chip. VDD1 is used as
supply for the rest of the chip. VDD1 can be connected
together with VDD2 and VDD3 but in this case care must be
taken to respect the supply voltage range
(see Chapter 13).
If the internal voltage generator is not used then VDD2 and
VDD3 must be connected to VDD1 or connected to power.
7.1.5
VLCDIN: LCD POWER SUPPLY
Positive power supply for the liquid crystal display.
An external LCD supply voltage can be supplied using the
VLCDIN pad. In this case VLCDOUT has to be left open-circuit
and the internal voltage generator has to be programmed
to zero. If the PCF8812 is in Power-down mode, the
external LCD supply voltage has to be switched off.
7.1.6
VLCDOUT: LCD POWER SUPPLY
Positive power supply for the liquid crystal display. If the
internal voltage generator is used, the two supply rails
VLCDIN and VLCDOUT must be connected together. If an
external supply is used this pin must be left open-circuit.
7.1.7
VLCDSENSE: VOLTAGE MULTIPLIER REGULATION
INPUT
(VLCD)
VLCDSENSE is the input of the internal voltage multiplier
regulation.
If the internal voltage generator is used then VLCDSENSE
must be connected to VLCDOUT. If a external supply voltage
is used then the VLCDSENSE can be let open-circuit or
connected to ground.
SYMBOL
PAD
DESCRIPTION
RES
1
external reset input
(active LOW)
ROW 32 to
ROW 19
2 to 15
LCD row driver outputs
ROW 0 to
ROW 18
18 to 36
LCD row driver outputs
COL0to
COL 101
37 to 138
LCD column driver
outputs
ROW 50 to
ROW 33
139 to 156
LCD row driver outputs
ROW 51 to
ROW 64
159 to 172
LCD row driver outputs
VDD1
174 to 179
supply voltage 1
VDD3
180
supply voltage 3
VDD2
181 to 193
supply voltage 2
OSC
194
oscillator input
SDIN
195
serial data input
D/C
196
data/command input
SCE
197
chip enable input
(active LOW)
T2
198
test 2 output
SCLK
199
serial clock input
VSS2
200 to 213
negative power supply 2
VSS1
214 to 217
negative power supply 1
T1
218
test 1 input
T5
219
test 5 input
T4
220
test 4 input
VSS1
221 and 222
negative power supply 1
T3
223
test 3 input/output
VLCDIN
224 to 229
LCD supply voltage
VLCDOUT
230 to 236
voltage multiplier output
VLCDSENSE
237
voltage multiplier
regulation input (VLCD)
16, 17, 157,
158 and 173
dummy pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com