Electronic Components Datasheet Search
  English  ▼

X  

PCF8812 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8812 Datasheet HTML 15Page - NXP Semiconductors PCF8812 Datasheet HTML 16Page - NXP Semiconductors PCF8812 Datasheet HTML 17Page - NXP Semiconductors PCF8812 Datasheet HTML 18Page - NXP Semiconductors PCF8812 Datasheet HTML 19Page - NXP Semiconductors PCF8812 Datasheet HTML 20Page - NXP Semiconductors PCF8812 Datasheet HTML 21Page - NXP Semiconductors PCF8812 Datasheet HTML 22Page - NXP Semiconductors PCF8812 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
2000 Nov 22
19
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
11 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); see notes 1 and 2
Notes
1. Stresses above those listed under limiting values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are referenced to
VSS unless otherwise specified.
3. Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor.
4. Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH series inductor.
12 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD1
supply voltage
−0.5
+6.5
V
VDD2,VDD3
supply voltage for internal voltage
generator
−0.5
+4.5
V
VLCD
supply voltage range LCD
−0.5
+9.0
V
Vi
all input voltages
−0.5
VDD + 0.5
V
ISS
ground supply current
−50
+50
mA
Ii,Io
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
30
mW
Tstg
storage temperature
−65
+150
°C
Ves
electrostatic handling voltage
note 3
−±1900
V
note 4
−±200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com