Electronic Components Datasheet Search
  English  ▼

X  

PCF8812 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8812 Datasheet HTML 18Page - NXP Semiconductors PCF8812 Datasheet HTML 19Page - NXP Semiconductors PCF8812 Datasheet HTML 20Page - NXP Semiconductors PCF8812 Datasheet HTML 21Page - NXP Semiconductors PCF8812 Datasheet HTML 22Page - NXP Semiconductors PCF8812 Datasheet HTML 23Page - NXP Semiconductors PCF8812 Datasheet HTML 24Page - NXP Semiconductors PCF8812 Datasheet HTML 25Page - NXP Semiconductors PCF8812 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
2000 Nov 22
22
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
Notes
1.
2. tH5 is the time from the previous SCLK positive edge (irrespective of the state of SCE) to the negative edge of SCE
(see Fig.15).
15 SERIAL INTERFACE
tH2
SCE hold time
100
−−
ns
tPWH2
SCE minimum HIGH time
100
−−
ns
tH5
SCE start hold time
note 2
100
−−
ns
tS3
D/C set-up time
100
−−
ns
tH3
D/C hold time
100
−−
ns
tS4
SDIN set-up time
100
−−
ns
tH4
SDIN hold time
100
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
frame
f
clk(ext)
520
----------------
=
handbook, full pagewidth
MGT645
tH4
tPWH1
tPWL1
tH3
tS4
tS2
tS3
tS2
tH2
tH5
tCYC
(tH5)
tPWH2
SCE
D/C
SCLK
SDIN
Fig.15 Serial interface timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com