Electronic Components Datasheet Search
  English  ▼

X  

PCF8812 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8812
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8812 Datasheet HTML 23Page - NXP Semiconductors PCF8812 Datasheet HTML 24Page - NXP Semiconductors PCF8812 Datasheet HTML 25Page - NXP Semiconductors PCF8812 Datasheet HTML 26Page - NXP Semiconductors PCF8812 Datasheet HTML 27Page - NXP Semiconductors PCF8812 Datasheet HTML 28Page - NXP Semiconductors PCF8812 Datasheet HTML 29Page - NXP Semiconductors PCF8812 Datasheet HTML 30Page - NXP Semiconductors PCF8812 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
2000 Nov 22
27
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
The required minimum value for the external capacitors in an application with the PCF8812 are as follows:
CVLCD = 100 nF (minimum)
CVDD; CVDD1; CVDD2 =1 µF (minimum).
Higher capacitor values are recommended for ripple reduction.
18 CHIP INFORMATION
The PCF8812 is manufactured in n-well CMOS technology. The substrate is at VSS potential.
19 PAD INFORMATION
Table 8
Bonding pad dimensions
NAME
DIMENSION
Pad pitch
70
µm
Pad size; aluminium
62
× 100 µm
Bump dimensions
50
× 90 × 17.5 µm(±5)
Wafer thickness; including bumps
maximum 430
µm
Wafer thickness; without bumps
381
µm typ.
handbook, full pagewidth
MGT649
4(1)
DISPLAY 102
× 65
VDD
I/O
VSS VLCDIN
CVDD
reset
PCF8812
102
32
33
Fig.19 Application diagram; external high voltage generation is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com