Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 5 - May 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Quad, single, triple and dual video amplifiers
Device description
The
ZXFV201,
ZXFV202,
ZXFV203
and
ZXFV204 are quad, single, triple and dual,
respectively, high speed amplifiers designed
for video and other high speed applications.
Their
low
differential
gain
and
phase
performance
make
them
ideal
for
video
amplifier buffer applications.
The quad allows one IC to drive RGBS format
component video signals, while the triple
provides RGB component video buffer/driver.
The dual amplifier is a mainstay of the video
market providing two channels in the space of
1 single in SO8. The small size of the ZXFV202
in SOT23 allows it to be placed where needed
for position/size critical applications.
Together with high output drive and slew rate
capability, they bring high performance to
video applications.
Ordering information
Features
•
High speed
•
Gain of 1 - 3dB bandwidth 210MHz
•
Slew rate 380V/µs
•
Good video
•
25 MHz 0.1dB bandwidth
•
Differential gain 0.04%
•
Differential phase 0.04°
•
40mA output current @ 3V Output
•
Characterized up to 300pF load
•
±5 Volt supply operation
•
Supply current 7.5mA per amplifier
Applications
•
Industry standard pinouts
•
Video gain stages
•CCTV buffer
•
Video distribution
•
RGB buffering
•Home theater
•
High speed ADC signal input drive
•
Cable driving
Application diagram
Part number
Descrip-
tion
Status
Reel size
(inches)
Qty.
Part
mark
ZXFV202E5TA
Single
Active
7
3,000
V202
ZXFV202E5TD
Single Obsolete
7
500
V202
ZXFV202N8TA Single Obsolete
7
500
ZXFV202
ZXFV204N8TA
Dual
Obsolete
7
500
ZXFV204
ZXFV204N8TC
Dual
Active
13
2,500 ZXFV204
ZXFV203N14TA Triple
Active
7
500
ZXFV203
ZXFV203N14TC Triple
Obsolete
13
2,500 ZXFV203
ZXFV201N14TA
Quad
LTB
7
500
ZXFV201
ZXFV201N14TC
Quad
Obsolete
13
2,500 ZXFV201
75
Co-ax
75
Co-ax
75
Back termination
+2
+2
Y
C
Dual amplifier S - video driver


Similar Part No. - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201 Datasheet
243Kb / 6P
QUAD VIDEO AMPLIFIER
ZXFV201 ZETEX-ZXFV201 Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
243Kb / 6P
QUAD VIDEO AMPLIFIER
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TC ZETEX-ZXFV201N14TC Datasheet
243Kb / 6P
QUAD VIDEO AMPLIFIER
More results

Similar Description - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
Single/Dual/Triple/Quad Operational Amplifiers
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
3.3V Triple and Quad Video Amplifiers
logo
Maxim Integrated Produc...
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com