Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors ZXFV201 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 5 - May 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Figures 4 and 5 show the large signal unity gain of 2 frequency responses.
Figures 4 and 5
Large signal unity gain of 2 frequency response
The ZXFV20x family are primarily video amplifiers; Figures 6 and 7 show the NTSC/PAL
differential gain and phase errors at a gain of 2.
Figures 6 and 7
NTSC/PAL differential gain and phase errors at a gain of 2
-15
-12
-9
-6
-3
0
3
6
9
1
10
100
1000
Frequency (MHz)
VIN = 1VPP
VS± = ±5V
RL = 150Ω
RF = 560Ω
TA = 25°
G = 2
CL = 10pF
-21
-18
-15
-12
-9
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
VIN = 1VPP
VS± = ±5V
RL = 150Ω
RF = 820Ω
TA = 25°
G = 1
CL = 10pF
Large signal G = 2
Large signal G = 1
-0.03°
-0.025°
-0.02°
-0.015°
-0.01°
-0.005°
0°
0.005°
-0.72
-0.48
-0.24
0
0.24
0.48
0.72
VBIAS(VDC)
VIN = 280mVPP
VS± = ±5V
RL = 150Ω
TA = 25°
G = 2
CL = 10pF
RF = 560Ω
-0.01%
-0.01%
0.00%
0.01%
0.01%
0.02%
0.02%
0.03%
0.03%
0.04%
0.04%
0.05%
-0.72
-0.48
-0.24
0
0.24
0.48
0.72
VBIAS(VDC)
VIN = 280mVPP
VS± = ±5V
RL = 150Ω
TA = 25°
G = 2
CL = 10pF
RF = 560Ω
Diff phase error
Diff gain error



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com