Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 5 - May 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
The frequency response and pulse response will vary according to particular values of resistors
and layout capacitance. The response can be tailored for the application to some extent by choice
of the value of feedback resistor. Figures 2 and 3 show the small signal unity gain and gain of 2
frequency responses.
Figure 2
Unity gain small signal bandwidth
Figure 3
Gain of 2 small signal bandwidth
-6
-3
0
3
1
10
100
1000
Frequency (MHz)
RF = 680Ω
RF = 820Ω
RF = 1kΩ
VIN = 200mVPP
VS± = ±5V
RL = 150Ω
TA = 25°
G = 1
CL = 10pF
0
3
6
9
1
10
100
1000
Frequency (MHz)
RF = 430Ω
RF = 470Ω
RF = 560Ω
VIN = 200mVPP
VS± = ±5V
RL = 150Ω
TA = 25°
G = 2
CL = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com