Electronic Components Datasheet Search
  English  ▼

X  

ZXFV201 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXFV201
Description  Quad, single, triple and dual video amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors ZXFV201 Datasheet HTML 7Page - Zetex Semiconductors ZXFV201 Datasheet HTML 8Page - Zetex Semiconductors ZXFV201 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 5 - May 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Applications information
A typical circuit application is shown in Figure 1. This is suitable for 75
transmission line
connections at both the input and the output and is useful for distribution of wide-band signals
such as video via cables. The 75
reverse terminating resistor R4 gives the correct matching
condition to a terminated video cable. The amplifier load is then 150
in parallel with the local
feedback network.
Figure 1
Typical video signal application circuit, gain = 2 (overall gain = 1 for 75
load
The wide bandwidth of this device necessitates some care in the layout of the printed circuit. A
continuous ground plane is required under the device and its signal connection paths, to provide
the shortest possible ground return paths for signals and power supply filtering. A double-sided
or multi-layer PCB construction is required, with plated-through via holes providing closely
spaced low-inductance connections from some components to the continuous ground plane.
For the power supply filtering, low inductance surface mount capacitors are normally required. It
has been found that very good RF decoupling is provided on each supply using a 1000pF NPO
size 0805 or smaller ceramic surface mount capacitor, closest to the device pin, with an adjacent
0.1 F X7R capacitor. Other configurations are possible and it may be found that a single 0.01 F
X7R capacitor on each supply gives good results. However this should be supported by larger
decoupling capacitors elsewhere on the printed circuit board. Values of 1 to 10 F are
recommended, particularly where the voltage regulators are located more than a few inches from
the device. These larger capacitors are recommended to be solid tantalum electrolytic or ceramic
types.
Note particularly that the inverting input of this current feedback type of amplifier is sensitive to
small amounts of capacitance to ground which occur as part of the practical circuit board layout.
This capacitance affects bandwidth, frequency response peaking and pulse overshoot. Therefore
to minimize this capacitance, the feedback components R2 and R3 of Figure 1 should be
positioned as close as possible to the inverting input connection.
470
470



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com