Electronic Components Datasheet Search
  English  ▼

X  

AD9948KCPRL Datasheet(PDF) 5 Page - Analog Devices

Part # AD9948KCPRL
Description  10-Bit CCD Signal Processor with Precision Timing??Core
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948KCPRL Datasheet(HTML) 5 Page - Analog Devices

  AD9948KCPRL Datasheet HTML 1Page - Analog Devices AD9948KCPRL Datasheet HTML 2Page - Analog Devices AD9948KCPRL Datasheet HTML 3Page - Analog Devices AD9948KCPRL Datasheet HTML 4Page - Analog Devices AD9948KCPRL Datasheet HTML 5Page - Analog Devices AD9948KCPRL Datasheet HTML 6Page - Analog Devices AD9948KCPRL Datasheet HTML 7Page - Analog Devices AD9948KCPRL Datasheet HTML 8Page - Analog Devices AD9948KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. 0
AD9948
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Type
*
Description
2–4
D0–D2
DO
Data Outputs (D0 is LSB)
5
DRVSS
P
Digital Driver Ground
6
DRVDD
P
Digital Driver Supply
7–13
D3–D9
DO
Data Outputs (D9 is MSB)
14
H1
DO
CCD Horizontal Clock 1
15
H2
DO
CCD Horizontal Clock 2
16
HVSS
P
H1–H4 Driver Ground
17
HVDD
P
H1–H4 Driver Supply
18
H3
DO
CCD Horizontal Clock 3
19
H4
DO
CCD Horizontal Clock 4
20
RGVSS
P
RG Driver Ground
21
RG
DO
CCD Reset Gate Clock
22
RGVDD
P
RG Driver Supply
23
TCVSS
P
Analog Ground for Timing Core
24
TCVDD
P
Analog Supply for Timing Core
25
CLI
DI
Master Clock Input
26
AVDD
P
Analog Supply for AFE
27
CCDIN
AI
Analog Input for CCD Signal (Connect through Series 0.1
µF Capacitor)
28
AVSS
P
Analog Ground for AFE
29
REFT
AO
Reference Top Decoupling (Decouple with 1.0
µF to AVSS)
30
REFB
AO
Reference Bottom Decoupling (Decouple with 1.0
µF to AVSS)
31
SL
DI
3-Wire Serial Load
32
SDI
DI
3-Wire Serial Data Input
33
SCK
DI
3-Wire Serial Clock
34
VD
DI
Vertical Sync Pulse
35
HD
DI
Horizontal Sync Pulse
36
DVSS
P
Digital Ground
37
DVDD
P
Digital Supply
38
HBLK
DI
Optional HBLK Input
39
CLP/PBLK
DO
CLPOB or PBLK Output
1, 40
NC
Not Internally Connected
*Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
PIN CONFIGURATION
TOP VIEW
AD9948
PIN 1
IDENTIFIER
30
REFB
29
REFT
28
AVSS
27
CCDIN
26
AVDD
25
CLI
24
TCVDD
23
TCVSS
22
RGVDD
21
RG
NC
1
(LSB) D0
2
D1
3
D2
4
DRVSS
5
DRVDD
6
D3
7
D4
8
D5
9
D6 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com