Electronic Components Datasheet Search
  English  ▼

X  

PCK2022R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2022R
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022R Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2022R Datasheet HTML 1Page - NXP Semiconductors PCK2022R Datasheet HTML 2Page - NXP Semiconductors PCK2022R Datasheet HTML 3Page - NXP Semiconductors PCK2022R Datasheet HTML 4Page - NXP Semiconductors PCK2022R Datasheet HTML 5Page - NXP Semiconductors PCK2022R Datasheet HTML 6Page - NXP Semiconductors PCK2022R Datasheet HTML 7Page - NXP Semiconductors PCK2022R Datasheet HTML 8Page - NXP Semiconductors PCK2022R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Philips Semiconductors
Product specification
PCK2022R
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2000 Nov 13
4
BLOCK DIAGRAM
14.318 MHz
OSC
XIN
XOUT
USB PLL
PWRDWN
PWRDWN
PWRDWN
PWRDWN
PWRDWN
SYS PLL
LOGIC
SPREAD
MULTSEL0
REF[0] (14.318 MHz)
48MHz[0..1] (3 V)
HOST[0..7] (100/133 MHz)
HOST_BAR[0..7] (100/133 MHz)
IOCLK (33/66 MHz)
SW00666
MULTSEL1
PWRDWN
SEL100/133
IBIAS
IREF
SELA/B
SELC
FUNCTION TABLE
SEL100/133
SELA
SELB
SELC
HOST
48MHz
IOCLK
REFCLK
0
0
0
0
100 MHz
48 MHz
33.3 MHz
14.318 MHz
0
0
0
1
100 MHz
48 MHz
66.7 MHz
14.318 MHz
0
0
1
0
100 MHz
Hi-Z
33.3 MHz
14.318 MHz
0
0
1
1
100 MHz
Hi-Z
66.7 MHz
14.318 MHz
0
1
0
0
100 MHz
Hi-Z
Low
Low
0
1
0
1
100 MHz
48 MHz1
33.3 MHz
14.318 MHz
0
1
1
0
Low
Hi-Z
Hi-Z
Hi-Z
0
1
1
1
100 MHz
48 MHz1
66.7 MHz
14.318 MHz
1
0
0
0
133 MHz
48 MHz
33.3 MHz
14.318 MHz
1
0
0
1
133 MHz
48 MHz
66.7 MHz
14.318 MHz
1
0
1
0
133 MHz
Hi-Z
33.3 MHz
14.318 MHz
1
0
1
1
133 MHz
Hi-Z
66.7 MHz
14.318 MHz
1
1
0
0
200 MHz
48 MHz
33.3 MHz
14.318 MHz
1
1
0
1
133 MHz
48 MHz1
33.3 MHz
14.318 MHz
1
1
1
0
TCLK/2
TCLK/4
TCLK/4
TCLK
1
1
1
1
133 MHz
48 MHz1
66.7 MHz
14.318 MHz
NOTE:
1. These frequencies are for debug, and thus can vary a small amount from the values listed at the vendor’s discretion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com