Electronic Components Datasheet Search
  English  ▼

X  

PCK2022R Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2022R
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022R Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2022R Datasheet HTML 1Page - NXP Semiconductors PCK2022R Datasheet HTML 2Page - NXP Semiconductors PCK2022R Datasheet HTML 3Page - NXP Semiconductors PCK2022R Datasheet HTML 4Page - NXP Semiconductors PCK2022R Datasheet HTML 5Page - NXP Semiconductors PCK2022R Datasheet HTML 6Page - NXP Semiconductors PCK2022R Datasheet HTML 7Page - NXP Semiconductors PCK2022R Datasheet HTML 8Page - NXP Semiconductors PCK2022R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
PCK2022R
CK00 (100/133 MHz) spread spectrum
differential system clock generator
2
2000 Nov 13
853–2225 25005
FEATURES
• 3.3 V operation
• Eight differential CPU clock pairs
• One IO clock at 33 MHz and 66 MHz
• Two 48 MHz clocks at 3.3 V
• One 14.318 MHz reference clock
• Power management control pins
• Host clock jitter less than 200 ps cycle-to-cycle
• Host clock skew less than 150 ps pin-to-pin
• Spread Spectrum capability
DESCRIPTION
The PCK2022R is a clock synthesizer/driver for a Pentium III
™ and
other similar processors
The PCK2022R has eight differential pair CPU current source
outputs, one 33/66 MHz output which is configurable on power-up,
two 48 MHz clocks which can be disabled on power-up, and one
3.3 V reference clock at 14.318 MHz which can also be disabled on
power-up. All clock outputs meet Intel’s drive strength, rise/fall times,
jitter, accuracy, and skew requirements.
The part possesses a dedicated power-down input pin for power
management control. This input is synchronized on chip, and
ensures glitch-free output transitions. In addition, the part can be
configured to disable the 48 MHz outputs for lower power operation
and an increase in the performance of the functioning outputs. The
IOCLK and REFCLK can also be disabled for the highest
performance of the Host outputs.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
37
38
39
40
41
42
43
44
45
46
47
48
IOCLK
48M_0/SELA
48M_1/SELB
VSS
VDD
HCLK0
HCLKB0
VSS
HCLK1
HCLKB1
SEL100/133
VSS
VDDA
VSSA
PWRDWN
VDD
HCLK4
VSS
HCLKB4
HCLK5
HCLKB5
VDD
VDD
13
14
15
16
17
18
31
32
33
34
35
36
HCLK2
HCLKB2
VSS
HCLK3
HCLKB3
HCLK6
VSS
HCLKB6
HCLK7
HCLKB7
VDD
19
30
VDD
REFCLK/SELC
20
21
22
23
24
25
26
27
28
29
SPREAD
VSS
XIN
XOUT
VDD
MULTSEL0
VSSA
MULTSEL1
IREF
VDDA
VDD
VSS
SW00665
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
48-Pin Plastic TSSOP
0
°C to +70°C
PCK2022R DGG
SOT362-1
Intel and Pentium III are trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com