Electronic Components Datasheet Search
  English  ▼

X  

PCK2022R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2022R
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2022R Datasheet HTML 2Page - NXP Semiconductors PCK2022R Datasheet HTML 3Page - NXP Semiconductors PCK2022R Datasheet HTML 4Page - NXP Semiconductors PCK2022R Datasheet HTML 5Page - NXP Semiconductors PCK2022R Datasheet HTML 6Page - NXP Semiconductors PCK2022R Datasheet HTML 7Page - NXP Semiconductors PCK2022R Datasheet HTML 8Page - NXP Semiconductors PCK2022R Datasheet HTML 9Page - NXP Semiconductors PCK2022R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
PCK2022R
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2000 Nov 13
6
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3
DC 3.3 V supply
–0.5
4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
VDD
V
IOK
DC output diode current
VO > VDD or VO < 0
±50
mA
VO
DC output voltage
Note 2
–0.5
VDD+0.5
V
IO
DC output source or sink current
VO = 0 to VDD
±50
mA
Tstg
Storage temperature range
–65
+150
°C
Ptot
Power dissipation per package
plastic medium-shrink (SSOP)
For temperature range –40
°C to +125°C;
above +55
°C derate linearly with 11.3 mW/K
850
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other condition beyond those indicated under “recommended operating condition” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage rating may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3
DC 3.3 V supply voltage
3.135
3.465
V
AVDD
DC 3.3 V analog supply voltage
3.135
3.465
V
CL
Capacitive load on:
IOCLK
Must meet IOCLK 2.1 requirements
10
30
pF
48 MHz clock
1 device load
10
20
pF
REF
1 device load
10
20
pF
fref
Reference frequency, oscillator normal value
14.31818
14.31818
MHz
Tamb
Operating ambient temperature range in free air
0
+70
°C
POWER MANAGEMENT
CONDITION
MAXIMUM 3.3 V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAPACITANCE LOADS
VDDL = 3.465 V
ALL STATIC INPUTS = VDD3 OR VSS
Power-down mode (PWRDWN = 0)
60 mA
Full active 100/133 MHz
250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com