Electronic Components Datasheet Search
  English  ▼

X  

PCK2022R Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2022R
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2022R Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2022R Datasheet HTML 5Page - NXP Semiconductors PCK2022R Datasheet HTML 6Page - NXP Semiconductors PCK2022R Datasheet HTML 7Page - NXP Semiconductors PCK2022R Datasheet HTML 8Page - NXP Semiconductors PCK2022R Datasheet HTML 9Page - NXP Semiconductors PCK2022R Datasheet HTML 10Page - NXP Semiconductors PCK2022R Datasheet HTML 11Page - NXP Semiconductors PCK2022R Datasheet HTML 12Page - NXP Semiconductors PCK2022R Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
PCK2022R
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2000 Nov 13
9
REF clock output
Tamb = 0°C to +70°C; lump capacitance test load = 20 pF
LIMITS
SYMBOL
PARAMETER
48 MHz MODE
UNITS
NOTES
MIN
MAX
f
Frequency, actual
14.318
MHz
17, 20
tHKL
REFCLK LOW time
30
37
ns
20
tHKH
REFCLK HIGH time
30
37
ns
20
tJITTER
Cycle-to-cycle jitter
300
ps
18, 20
DUTY CYCLE
Output duty cycle
45
55
%
18, 20
REFER TO NOTES ON PAGE 9.
All outputs
Tamb = 0°C to +70°C
LIMITS
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
tPZL, tPZH
Output enable delay (all outputs)
1.0
10.0
1.0
10.0
ns
20
tPZL, tPZH
Output disable delay (all outputs)
1.0
10.0
1.0
10.0
ns
20
tSTABLE
All clock stabilization from power-up
3
3
ms
7, 20
REFER TO NOTES ON PAGE 9.
Group offset limits
GROUP
OFFSET
MEASUREMENT LOADS
(LUMPED)
MEASUREMENT POINTS
NOTES
Host to IOCLK
1.5 – 3.5 ns
Host leads
IOCLK @ 30 pF
Host @ Cross point
IOCLK @ 1.5 V
19, 20
NOTES TO THE AC TABLES:
1. Output drivers must have monotonic rise/fall times through the specified VOL/VOH levels.
2. Period, jitter, offset, and skew measured on rising edge at 1.5 V for 3.3 V clocks.
3. The IOCLK clock is the Host clock divided by 4 in 33 MHz mode and divided by 2 in 66 MHz mode at Host = 133 MHz.
IOCLK clock is the Host clock divided by 3 in 33 MHz and divided by 2/3 in 66 MHz mode at Host = 100 MHz.
4. Frequency accuracy of 48 MHz must be +167 ppm to match USB default.
5. tHKH is measured at 2.4 V for 3.3 V outputs, as shown in Figure 7.
6. tHKL is measured at 0.4 V for all outputs as shown in Figure 7.
7. the time is specified from when VDDQ achieves its normal operating level (typical condition VDDQ = 3.3 V) until the frequency output is stable
and operating within specification.
8. tRISE and tFALL are measured as a transition through the threshold region VOL = 0.4 V and VOH = 2.4 V (1 mA) JEDEC specification.
9. The average period over any 1
µs period of time must be greater than the minimum specified period.
10. Calculated at minimum edge rate (1 V/ns) to guarantee 45–55% duty cycle. Pulse width is required to be wider at faster edge rate to ensure
duty specification is met.
11. Test load is RS = 33.2 Ω, RP = 49.9 Ω.
12. Must be guaranteed in a realistic system environment.
13. Configured for VOH = 0.71 V in a 50 Ω environment.
14. Measured at crossing points.
15. Measured at 20% to 80%.
16. Determined as a fraction of 2*(tRP – tRN) / (tRP + tRN), where tRP is a rising edge, and tRN is an intersecting falling edge.
17. Frequency generated by crystal oscillator
18. Voltage measure point (VM = 1.5 V). VDD = 3.3 V.
19. All offsets are to be measured at rising edges.
20. Parameters are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com