Electronic Components Datasheet Search
  English  ▼

X  

PCK2023 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 3Page - NXP Semiconductors PCK2023 Datasheet HTML 4Page - NXP Semiconductors PCK2023 Datasheet HTML 5Page - NXP Semiconductors PCK2023 Datasheet HTML 6Page - NXP Semiconductors PCK2023 Datasheet HTML 7Page - NXP Semiconductors PCK2023 Datasheet HTML 8Page - NXP Semiconductors PCK2023 Datasheet HTML 9Page - NXP Semiconductors PCK2023 Datasheet HTML 10Page - NXP Semiconductors PCK2023 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
7
POWER MANAGEMENT
CONDITION
MAXIMUM 3.3 V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAP LOADS, VDDL= 3.465 V
ALL STATIC INPUTS = VDD3 OR VSS
Power-down mode (PWRDWN = 0)
25 mA @ Iref = 2.32 mA
46 mA @ Iref = 5.0 mA
Full active
280 mA
CPU STOP FUNCTIONALITY
CPU_STOP
CPU
CPU
3V66
66BUFF
PCIF/PCI
USB/DOT
1
Normal
Normal
66 MHz
66 input
66 input/2
48 MHz
0
Iref*2
Float
66 MHz
66 input
66 input/2
48 MHz
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0 to +70 °C
UNIT
VDD (V)
OTHER
MIN
TYP
MAX
IO
48 MHz USB VCH
3.135
VOUT = 1.0 V
Type 3A
–29
—
—
mA
IOH
48 MHz USB, VCH
3.465
VOUT = 3.135 V
y
12–60
Ω
—
—
–23
mA
IO
48 MHz USB VCH
3.135
VOUT = 1.95 V
Type 3A
29
—
—
mA
IOL
48 MHz USB, VCH
3.465
VOUT = 0.4 V
y
12–60
Ω
—
—
27
mA
IO
48 MHz DOT
3.135
VOUT = 1.0 V
Type 3B
–29
—
—
mA
IOH
48 MHz DOT
3.465
VOUT = 3.135 V
y
12–60
Ω
—
—
–23
mA
IO
48 MHz DOT
3.135
VOUT = 1.95 V
Type 3B
29
—
—
mA
IOL
48 MHz DOT
3.465
VOUT = 0.4 V
y
12–60
Ω
—
—
27
mA
IO
REF, PCI, PCIF,
3.135
VOUT = 1.0 V
Type 5
–33
—
—
mA
IOH
,,
,
3V66, 66BUFF
3.465
VOUT = 3.135 V
y
12–55
Ω
—
—
–33
mA
IO
REF, PCI, PCIF,
3.135
VOUT = 1.95 V
Type 5
30
—
—
mA
IOL
,,
,
3V66, 66BUFF
3.465
VOUT = 0.4 V
y
12–55
Ω
—
—
38
mA
VOL
CPU/CPU
VSS = 0.0
RS = 33.2 Ω
RP= 49.9 Ω
Type X1
0.0
—
0.05
V
±II
Input leakage current
3.365
0 < VIN < VDD3
—
–5
—
5
µA
±IOZ
3-State output OFF-State
current
3.465
VOUT =
VDD or GND
IO = 0
—
—
10
µA
NOTE:
1. All clock outputs loaded with maximum lump capacitance test load specified in AC characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com