Electronic Components Datasheet Search
  English  ▼

X  

PCK2023 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 19Page - NXP Semiconductors PCK2023 Datasheet HTML 20Page - NXP Semiconductors PCK2023 Datasheet HTML 21Page - NXP Semiconductors PCK2023 Datasheet HTML 22Page - NXP Semiconductors PCK2023 Datasheet HTML 23Page - NXP Semiconductors PCK2023 Datasheet HTML 24Page - NXP Semiconductors PCK2023 Datasheet HTML 25Page - NXP Semiconductors PCK2023 Datasheet HTML 26Page - NXP Semiconductors PCK2023 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
23
Functional connection
Figure 13 shows a partial diagram of the PCK2023 in an application.
The host outputs are differential current drivers, therefore the output
current is converted to a voltage by using some type of load resistor
(in this case, RS and RP). The output current is based on two, the
value of Rref and the setting on MULTSEL0 and MULTSEL1 pins.
The Iref pin is actually a reference voltage which is fixed at 1.1 volts,
therefore, Iref is 1.1/Rref. There are limitations on how large the
current can be made. This is coupled to the termination resistors
used. The maximum voltage which should be observed at the HOST
or HOST pins of the PCK2023 is 1.1 volts. This value may be
determined by using:
Vmax
+ (R
s
) R
P)Nmult
1.1
R
ref
where RS and RP are the termination resistor values, Nmult is the
current multiplier set by MULTSEL0 and MULTSEL1, and Rref is the
current reference resistor. Vmax should not exceed 1.1 volts
because of the internal current source configuration.
RS
RS
RP
RP
Rref
HI
Iref
HCLK
HCLKB
PCK2023
LOAD
HI
SW00859
Figure 13. PCK2023 implementation in a circuit board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com