Electronic Components Datasheet Search
  English  ▼

X  

PCK2023 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 15Page - NXP Semiconductors PCK2023 Datasheet HTML 16Page - NXP Semiconductors PCK2023 Datasheet HTML 17Page - NXP Semiconductors PCK2023 Datasheet HTML 18Page - NXP Semiconductors PCK2023 Datasheet HTML 19Page - NXP Semiconductors PCK2023 Datasheet HTML 20Page - NXP Semiconductors PCK2023 Datasheet HTML 21Page - NXP Semiconductors PCK2023 Datasheet HTML 22Page - NXP Semiconductors PCK2023 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
19
BYTE 2
BIT
DESCRIPTION/FUNCTION
TYPE
POWER UP
CONDITION
OUTPUT(S)
AFFECTED
PIN AFFECTED
SOURCE PIN
0
PCI0 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI0
10
N/A
1
PCI1 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI1
11
N/A
2
PCI2 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI2
12
N/A
3
PCI3 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI3
13
N/A
4
PCI4 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI4
16
N/A
5
PCI5 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI5
17
N/A
6
PCI6 output enabled
1 = enabled
0 = disabled
RW
1 = enabled
PCI6
18
N/A
7
not used
—
0
N/A
N/A
N/A
BYTE 3
BIT
DESCRIPTION/FUNCTION
TYPE
POWER UP
CONDITION
OUTPUT(S)
AFFECTED
PIN AFFECTED
SOURCE PIN
0
PCIF0 output enabled
RW
1 = enabled
PCIF0
5
N/A
1
PCIF1 output enabled
RW
1 = enabled
PCIF1
6
N/A
2
PCIF2 output enabled
RW
1 = enabled
PCIF2
7
N/A
3
allow control of PCIF0 with
assertion of PCI_Stop
0 = free running
1 = stopped with PCI_Stop
RW
0 = free running not
affected by
PCI_Stop
PCIF0
5
N/A
4
allow control of PCIF1 with
assertion of PCI_Stop
0 = free running
1 = stopped with PCI_Stop
RW
0 = free running not
affected by
PCI_Stop
PCIF1
6
N/A
5
allow control of PCIF2 with
assertion of PCI_Stop
0 = free running
1 = stopped with PCI_Stop
RW
0 = free running not
affected by
PCI_Stop
PCIF2
7
N/A
6
USB 48MHz output enabled
RW
1 = enabled
USB 48MHz
39
N/A
7
DOT 48 MHz output
enabled
RW
1 = enabled
DOT 48MHz
38
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com