Electronic Components Datasheet Search
  English  ▼

X  

PCK2023 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 7Page - NXP Semiconductors PCK2023 Datasheet HTML 8Page - NXP Semiconductors PCK2023 Datasheet HTML 9Page - NXP Semiconductors PCK2023 Datasheet HTML 10Page - NXP Semiconductors PCK2023 Datasheet HTML 11Page - NXP Semiconductors PCK2023 Datasheet HTML 12Page - NXP Semiconductors PCK2023 Datasheet HTML 13Page - NXP Semiconductors PCK2023 Datasheet HTML 14Page - NXP Semiconductors PCK2023 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
11
CPU 1.0 V AC TIMING REQUIREMENTS
SYMBOL
PARAMETER
CPU 200 MHz
CPU 133 MHz
CPU 100 MHz
CPU 66 MHz
UNITS
NOTES
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
TPERIOD
average period
5.0
5.1
7.5
7.65
10.0
10.2
15.0
15.3
ns
1, 15
tABSMIN
absolute
minimum host
clock period
4.85
—
7.35
—
9.85
—
14.85
—
ns
1, 15
Diff-tRISE
rise time
175
467
175
467
300
467
300
467
ps
15, 16
Diff-tFALL
fall time
175
467
175
467
175
467
175
467
ps
15, 16
SE
∆SKEW
Absolute
single-ended
rise/fall
waveform
symmetry
—
325
—
325
—
325
—
325
ps
17, 18
VCROSS
absolute
crossing point
voltages
0.51
0.76
0.51
76
0.51
76
—
—
V
18
tCCJITTER
cycle-to-cycle
jitter
—
150
—
150
—
150
—
150
ps
15, 19
Duty Cycle
—
45
55
45
55
45
55
45
55
%
15
SE-VOH
maximum
voltage
allowed at
output
.92
1.45
.92
1.45
.92
1.45
.92
1.45
V
18
SE-VOL
minimum
voltage
allowed at
output
–200
350
–200
350
–200
350
–200
350
mV
18
Diff-
VRING_RISE
rising edge
ringback
0.35
—
0.35
—
0.35
—
0.35
—
V
15
Diff-
VRING_FALL
falling edge
ringback
—
–0.35
—
–0.35
—
–0.35
—
–0.35
V
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com