Electronic Components Datasheet Search
  English  ▼

X  

ACT86600 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT86600 Datasheet HTML 6Page - Qorvo, Inc ACT86600 Datasheet HTML 7Page - Qorvo, Inc ACT86600 Datasheet HTML 8Page - Qorvo, Inc ACT86600 Datasheet HTML 9Page - Qorvo, Inc ACT86600 Datasheet HTML 10Page - Qorvo, Inc ACT86600 Datasheet HTML 11Page - Qorvo, Inc ACT86600 Datasheet HTML 12Page - Qorvo, Inc ACT86600 Datasheet HTML 13Page - Qorvo, Inc ACT86600 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
10 of 56
www.qorvo.com
®
ELECTRICAL CHARACTERISTICS: GENERAL PURPOSE I/O
(VIO = 1.8V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO1,2,3,4,5,6,7 Input Low (VIL)
VVIO = 1.8V
0.35
V
GPIO1,2,3,4,5,6,7 Input High (VIH)
VVIO = 1.8V
1.25
V
GPIO1,2,3,4,5,6,7 Input Low (VIL)
VVIO = 3.3V
0.5
V
GPIO1,2,3,4,5,6,7 Input High (VIH)
VVIO = 3.3V
1.65
V
GPIOx Open Drain Leakage Current.
Pulled up to 5V
1
µA
GPIOx Open Drain Output Low.
IOL = 1mA
0.35
V
GPIO2,3,4,5 Output Low, (VOL)
IOL = 0.25mA, CMOS or push-pull
output configuration.
0.35
V
GPIO2,3,4,5 Output High, (VOH)
IOH = 0.25mA, CMOS or push-pull
output configuration.
VVIO-
0.35
V
GPIOx Deglitch Time (falling)
Note 1
20
µs
GPIOx Deglitch Time (rising)
Note 1
10
µs
VIO Operating Range
Note 2
1.6
5.0
V
GPIOx, Pull up resistor to VIO,
GPIOx = GPIO1,2,3…7.
Note3
200
k
Ω
Note 1: Guaranteed by design only
Note 2: VIO is the reference level for GPIOs when configured as open drain outputs or as inputs.
Note 3: GPIO1 has option to connect internal pullup resistor to VCC5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com