Electronic Components Datasheet Search
  English  ▼

X  

ACT86600 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button ACT86600 Datasheet HTML 9Page - Qorvo, Inc ACT86600 Datasheet HTML 10Page - Qorvo, Inc ACT86600 Datasheet HTML 11Page - Qorvo, Inc ACT86600 Datasheet HTML 12Page - Qorvo, Inc ACT86600 Datasheet HTML 13Page - Qorvo, Inc ACT86600 Datasheet HTML 14Page - Qorvo, Inc ACT86600 Datasheet HTML 15Page - Qorvo, Inc ACT86600 Datasheet HTML 16Page - Qorvo, Inc ACT86600 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
13 of 56
www.qorvo.com
®
Bypass [] =1
Thermal Warning Temperature
Temperature rising
125
°C
Thermal Warning Hysteresis
25
°C
Thermal Shutdown Temperature
Temperature rising
155
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Shutdown Deglitch (Note 1)
Enable and disable timing
75
100
125
µs
Power Up Delay after initial AVIN ramp.
Time from AVIN > AVIN UV rising
threshold to PG for first regulator
(Bucks). (zero delay setting)
2000
µs
Transition time from Deep Sleep (DPSLP)
State to Active State
Time from PWREN pin low to high
transition (exit DPSLP State) to time
when the first regulator turns ON with
minimum turn on delay configuration.
600
µs
Transition time from Sleep State (SLEEP) to
Active State
Time from I2C command to clear SLEEP
EN register bit (exit SLEEP state) to time
when the first regulator turns ON with
minimum turn on delay configuration.
600
µs
Regulator Programmable Startup Delay
Timings between turn on events.
ONDLY=000
ONDLY=001
ONDLY=010
ONDLY=011
ONDLY=100
ONDLY=101
ONDLY=110
ONDLY=111
0
0.25
0.5
1
2
4
8
16
ms
Regulator Programmable Turn Off Delay
Configurable in 1ms steps between 0ms
to 15ms
0
15
ms
nRESET, Delay Timings
Configurable to 20, 40, 60 or 100ms.
20
100
ms
Retry time after entering UVOVFLT state
Time when all regulators are forced off
before trying ON sequence again
100
ms
Watch dog timer
Monitors I2C inactivity and time out
function
8
s
Hard reset wait timer
Hard reset turns off the regulators, waits
in the reset state for a “hard-reset time
delay” and restarts the on sequence.
0.5
s
Note 1: Guaranteed by design only.
Note 2: When AVIN > AVIN_OV threshold, the system moves to the RESET operating state to turn-off all regulators. VCC5 regulator (Or LDO if the
AVIN_OV_SEL=0) continues to function even when AVIN is higher than AVIN_OV to retain the VCC5 output and keep the PMIC powered on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com