Electronic Components Datasheet Search
  English  ▼

X  

ACT86600 Datasheet(PDF) 49 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 49 Page - Qorvo, Inc

Back Button ACT86600 Datasheet HTML 45Page - Qorvo, Inc ACT86600 Datasheet HTML 46Page - Qorvo, Inc ACT86600 Datasheet HTML 47Page - Qorvo, Inc ACT86600 Datasheet HTML 48Page - Qorvo, Inc ACT86600 Datasheet HTML 49Page - Qorvo, Inc ACT86600 Datasheet HTML 50Page - Qorvo, Inc ACT86600 Datasheet HTML 51Page - Qorvo, Inc ACT86600 Datasheet HTML 52Page - Qorvo, Inc ACT86600 Datasheet HTML 53Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
49 of 56
www.qorvo.com
®
Table 10. Buck-Boost Peak Current Threshold Settings
ILIM[1:0]
QSW5_top FET Peak
Current (A)
00
1.2
01
1.7
10
2.1
11
2.5
If the peak current reaches 80% of the programmed
threshold for 16 consecutive switching cycles and the
IWARN_INT_MASK bit = 0, the IC asserts nIRQ low and
changes the I2C bit ILIM_WARN = 1. It continues to
operate normally in this condition.
If the peak current reaches the programmed threshold
and the I2C bit IFLT_INT_MASK bit = 0, the IC turns off
the power FET for that switching cycle.
If the peak
current reaches the threshold 16 consecutive switching
cycles, the IC asserts nIRQ low. This condition typically
results in shutdown due to an UV condition due to the
shortened switching cycle. A short circuit condition that
results in the peak switch current being 125% of
ILIM_SET immediately shuts down the supply and
asserts nIRQ low if the I2C bit SHUT_INT_MASK = 0.
The supply tries to restart in 14ms. If the fault condition
is not masked, the IC transitions to the OVUV State,
turns off all supplies, and restarts the system in 100ms.
Compensation
The Buck-boost utilizes a proprietary internal compen-
sation scheme to simultaneously simplify external com-
ponent selection while optimizing transient performance
over their full operating range. No external compensa-
tion design is required. Simply follow a few simple
guidelines described below when choosing the output
capacitor and inductor.
Input Capacitor Selection
The input requires a high quality, low-ESR, ceramic
input capacitor. The Buck-boost input voltage can be
connected to the same or a different voltage rail from
the other converters. Even if it is connected to the same
voltage rail, it must have a dedicated input capacitor.
10µF capacitors are typically suitable, but this value can
be increased without limit. Smaller capacitor values can
be used with lighter output loads. Choose the input
capacitor value to keep the input voltage ripple less than
50mV. When in buck-mode, the following equations
calculates the input ripple.
Vripple
=������������������������������������������������∗������������������������������������������������������������������������������������∗�1−�������������������������������������������������������������������������������������
������������������������������������∗������������������������������������
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5V,
Z5U, or similar dielectrics is not recommended. Be sure
to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805. Input capacitor placement is critical
for proper operation. The input capacitor must be placed
as close to the IC as possible. The traces from the
VBBST pin to the capacitor and from the capacitor to
PGNDx should as short and wide as possible.
Inductor Selection
The
Buck-boost
uses
a
proprietary
internal
compensation
scheme
to
simultaneously
simplify
external component selection and optimize transient
performance
over
its
full
operating
range.
The
ACT86600 Buck-boost regulator is optimized for a
4.7µH to 6.8
μH range. Choose inductors with a low DC-
resistance, or DCR, for higher efficiency and avoid
inductor saturation by choosing inductors with DC
ratings that exceed the maximum inductor peak current
by at least 30%. Additionally, the inductor peak-to-peak
current ripple must be carefully considered along with
the selected switching frequency before selecting
appropriate inductor values with adequate current rating.
The following equations calculate the inductor ripple
current in buck-only and boost-only modes.
∆IL(Buck−only)=�1−VOUTVIN�∗VOUT
FSW∗L
∆IL(Boost−only)=�1−VINVOUT�∗VIN
FSW∗L
The buck-boost ripple current is the higher of the two
following equations.
∆IL(Buck−boost)=�1−0.7∗VVINVOUT�∗VIN
FSW∗L
∆IL(Buck−boost)=0.3∗VVOUT
FSW∗L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com