Electronic Components Datasheet Search
  English  ▼

X  

ACT86600 Datasheet(PDF) 53 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 53 Page - Qorvo, Inc

Back Button ACT86600 Datasheet HTML 48Page - Qorvo, Inc ACT86600 Datasheet HTML 49Page - Qorvo, Inc ACT86600 Datasheet HTML 50Page - Qorvo, Inc ACT86600 Datasheet HTML 51Page - Qorvo, Inc ACT86600 Datasheet HTML 52Page - Qorvo, Inc ACT86600 Datasheet HTML 53Page - Qorvo, Inc ACT86600 Datasheet HTML 54Page - Qorvo, Inc ACT86600 Datasheet HTML 55Page - Qorvo, Inc ACT86600 Datasheet HTML 56Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
53 of 56
www.qorvo.com
®
can only go up with maximum 50mA load current. After
start-up, more load (up to “Maximum Output Current”)
can be added. This is the most common case. If VCC5
starts up with output voltage higher than 2.6V (in case
of starting up with pre-bias), it can go up with more than
50mA load current.
Compensation
VCC5 utilizes a proprietary internal compensation
scheme to simultaneously simplify external component
selection while optimizing transient performance over
their full operating range. No external compensation de-
sign is required. Simply follow a few simple guidelines
described below when choosing the output capacitor
and inductor.
Input Capacitor Selection
The input requires a high quality, low-ESR, ceramic
input capacitor. VCC5 can be connected to the same or
a different voltage rail from the other converters. Even if
it is connected to the same voltage rail, it must have a
dedicated input capacitor. A 10µF capacitor is typically
suitable, but this value can be increased without limit.
Smaller capacitor values can be used with lighter output
loads. Choose the input capacitor value to keep the
input voltage ripple less than 50mV. When in buck-mode,
the following equation calculates the input ripple.
Vripple
=������������������������������������������������∗������������������������������������������������������������������������������������∗�1−�������������������������������������������������������������������������������������
������������������������������������∗������������������������������������
Be sure to consider the capacitor’s DC bias effects and
maximum ripple current rating when using capacitors
smaller than 0805.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5V,
Z5U, or similar dielectrics is not recommended. Input
capacitor placement is critical for proper operation. The
input capacitor must be placed as close to the IC as
possible. The traces from AVIN to the capacitor and
from the capacitor to PGND should as short and wide
as possible.
Inductor Selection
VCC5
uses
a
proprietary
internal
compensation
scheme to simultaneously simplify external component
selection and optimize transient performance over its
full operating range. It requires a 1µH inductor. Choose
inductors with a low DC-resistance, or DCR, for higher
efficiency and avoid inductor saturation by choosing
inductors with DC ratings that exceed the maximum
inductor peak current by at least 30%. Additionally, the
inductor peak-to-peak current ripple must be carefully
considered along with the selected switching frequency
before selecting appropriate inductor values with
adequate
current
rating.
The
following
equation
calculates the inductor ripple current.
∆������������������������ =�1−�������������������������������������������������������������������������������������∗������������������������������������������������
������������������������������������∗������������
Where VOUT is the output voltage, VIN is the input voltage,
FSW is the switching frequency, and L is the inductor
value.
Output Capacitor Selection
VCC5 is designed to take advantage of the benefits of
ceramic capacitors, namely small size and very-low
ESR capacitors. It is designed to operate with greater
than 10µF of capacitance. To ensure stability, ensure
that the actual output capacitance is greater than 10µF.
Design for an output ripple voltage less than 1% of the
output
voltage. The
output
capacitance
can
be
increased to reduce output voltage ripple and improve
load transients if needed. The following equation
calculate the output voltage ripple
VRIPPLE
= ∆������������������������
8∗������������������������������������∗������������������������������������������������
Where
ΔIL is the inductor ripple current, FSW is the
switching frequency, and COUT is the output capacitance
after taking DC bias into account.
The 10µF capacitor is the output capacitor of the buck
topology. Note that an additional 0.22µF must be
connected directly to the VCC5 pin. This capacitor is a
high frequency bypass capacitor that minimizes noise
entering the IC.
Two of the most common dielectrics are Y5V and X5R.
Whereas Y5V dielectrics are inexpensive and can
provide high capacitance in small packages, their
capacitance varies greatly over their voltage and
temperature ranges and are not recommended for
DC/DC applications. X5R and X7R dielectrics are more
suitable for output capacitor applications. Be sure to
consider the capacitor’s DC bias effects and maximum
ripple current rating when using capacitors smaller than
0805.
VCC5 PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-down
DC/DC converter design. A good design minimizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com