Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 12 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 12 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 8Page - Analog Microelectronics GmbH AM462 Datasheet HTML 9Page - Analog Microelectronics GmbH AM462 Datasheet HTML 10Page - Analog Microelectronics GmbH AM462 Datasheet HTML 11Page - Analog Microelectronics GmbH AM462 Datasheet HTML 12Page - Analog Microelectronics GmbH AM462 Datasheet HTML 13Page - Analog Microelectronics GmbH AM462 Datasheet HTML 14Page - Analog Microelectronics GmbH AM462 Datasheet HTML 15Page - Analog Microelectronics GmbH AM462 Datasheet HTML 16Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 12/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
POINTS TO NOTE: INITIAL OPERATION OF AM462
1. When operating AM462 it is imperative that external capacitor C1 is always connected (cf.
Figure 2). Care must be taken that the value of the capacitance does not lie beyond its given
range, even across the range of temperature (see Boundary Conditions on page 7). In 2-wire
operation ceramic capacitor C2 must also be used (cf. Figure 8).
2. In a 2-wire setup the power consumption of the overall system (AM462 plus all external
components, including the configuration resistors) must not exceed the sum of IOUTmin (usually
4mA).
3. All AM462 function blocks not required by the application must be connected to a defined (and
allowed) potential.
4. A load resistance of 600
Ω maximum is permitted for the current output.
5. The values of external resistors R0, R1, R2, R3, R4 and R5 must be selected within the permissible
range given in the boundary conditions on page 7.
APPLICATIONS
Typical 3-wire application with an input signal referenced to ground
Figure 7 shows a 3-wire application in which AM462 amplifies and converts a positive voltage
signal referenced to ground. The unused blocks (e.g. OP2) have been set to defined operating points
in the application. Alternatively, these function groups can also be used here (e.g. to supply external
components).
For output current IOUT the following applies according to Equations (1) and (2):
SET
GAIN
INP
OUT
I
R
G
V
I
+
⋅
=
0
8
with
2
1
1
R
R
G
GAIN
+
=
Example: 0…20mA Voltage-To-Current Converter
To convert a signal of VINP = 0...1V at the OP1 input the external components are to be dimensioned
in such a way that the output current has a range of 0...20mA (i.e. ISET = 0 ⇒ SET = GND). With
R0 = 27Ω:
0
0
8
8
R
G
V
I
R
G
V
I
GAIN
INP
SET
GAIN
INP
OUT
⋅
=
+
⋅
=
The following then applies to the gain:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com