Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 20 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 20 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 12Page - Analog Microelectronics GmbH AM462 Datasheet HTML 13Page - Analog Microelectronics GmbH AM462 Datasheet HTML 14Page - Analog Microelectronics GmbH AM462 Datasheet HTML 15Page - Analog Microelectronics GmbH AM462 Datasheet HTML 16Page - Analog Microelectronics GmbH AM462 Datasheet HTML 17Page - Analog Microelectronics GmbH AM462 Datasheet HTML 18Page - Analog Microelectronics GmbH AM462 Datasheet HTML 19Page - Analog Microelectronics GmbH AM462 Datasheet HTML 20Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 20/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
DELIVERY
The AM462 V/I converter and protector IC is available as the following packages:
• SSOP16
• SO16(n)
• Dice on 5" blue foil (on request)
PACKAGE DIMENSIONS
Please see our website (data sheets: package.pdf).
FURTHER READING
www.analogmicro.de
[1]
The Frame ASIC concept: See:
[2]
PR1011 - The AM462 can be used as an integrated solution to interface a microprocessor to the
industrial 4...20mA network. See: Technical Articles:
PR1012 - Voltage-to-current converter IC for 2-wire current loop applications (4…20mA). See:
Technical Articles
AN1014 - Interfacing the µProcessor with the 4...20mA current loop signal (PLC). See: Application
NOTES
Analog Microelectronics reserves the right to make amendments to any dimensions, technical data or other information contained herein without further
notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com