Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 6 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 6 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 2Page - Analog Microelectronics GmbH AM462 Datasheet HTML 3Page - Analog Microelectronics GmbH AM462 Datasheet HTML 4Page - Analog Microelectronics GmbH AM462 Datasheet HTML 5Page - Analog Microelectronics GmbH AM462 Datasheet HTML 6Page - Analog Microelectronics GmbH AM462 Datasheet HTML 7Page - Analog Microelectronics GmbH AM462 Datasheet HTML 8Page - Analog Microelectronics GmbH AM462 Datasheet HTML 9Page - Analog Microelectronics GmbH AM462 Datasheet HTML 10Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 6/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
BOUNDARY CONDITIONS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sense Resistor
R0
IOUTFS = 20mA
17
27
38
R
c = 20mA/IOUTFS
c
⋅ 17
c
⋅ 27
c
⋅ 38
Stabilization Resistor
R5
IOUTFS = 20mA
35
40
45
R5
c = 20mA/IOUTFS
c
⋅ 35
c
⋅ 40
c
⋅ 45
Load Resistance
RL
Limitation only for 3-wire operation
0
600
Sum Gain Resistors
R1 + R2
20
200
k
Sum Offset Resistors
R3 + R4
20
200
k
VREF Capacitance
C1
Ceramic
1.9
2.2
5.0
µF
Output Capacitance
C2
Only for 2-wire operation
90
100
250
nF
D1 Breakdown Voltage
VBR
35
50
V
T1 Forward Current Gain
βF
BCX54/55/56, for example
50
150
DETAILED DESCRIPTION OF FUNCTIONS
AM462 is a modular, universal V/I converter and protector IC which has been specially developed
for the conditioning of voltage signals referenced to ground. It is designed for both 2- and 3-wire
operation in industrial applications (cf. application in Figure 8). AM462’s various functions are
depicted in the block diagram (Figure 2) which also illustrates how few external components are
required for the operation of this particular device.
AM462 consists of several modular function blocks (operational amplifiers, voltage-to-current
converters and references) which, depending on external configurations, can either be switched to
one another or operated separately (see the basic circuitry in Figure 2):
1. Operational amplifier stage OP1 enables a positive voltage signal to be amplified. OP1 gain
GGAIN can be set via external resistors R1 and R2. Protective circuitry against overvoltage is
integrated into the chip, limiting the voltage to the set value of the reference voltage. Output
voltage VOUTAD at pin OUTAD is calculated as:
GAIN
INP
OUTAD
G
V
V
⋅
=
with
2
1
1
R
R
G
GAIN
+
=
(1)
where VINP is the voltage at OP1’s input pin 6 (INP).
2. The internal voltage-to-current converter (V/I converter) provides a voltage-controlled current
signal at IC output IOUT (pin 8) which activates an external transistor T1; this in turn supplies
the actual output current IOUT. To reduce power dissipation the transistor is an external
component and protected against reverse polarity by an additional diode D1. Via pin SET an
offset current ISET can be set at output IOUT (with the help of the internal voltage reference and
an external voltage divider as shown in Figure 2, for example). External resistor R0 permits the
output current to be finely adjusted with parallel operation of current and the voltage output. For
the output current provided by T1 the following ratio applies:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com