Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 19 Page - Analog Microelectronics GmbH

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM462 Datasheet(HTML) 19 Page - Analog Microelectronics GmbH

Back Button AM462 Datasheet HTML 12Page - Analog Microelectronics GmbH AM462 Datasheet HTML 13Page - Analog Microelectronics GmbH AM462 Datasheet HTML 14Page - Analog Microelectronics GmbH AM462 Datasheet HTML 15Page - Analog Microelectronics GmbH AM462 Datasheet HTML 16Page - Analog Microelectronics GmbH AM462 Datasheet HTML 17Page - Analog Microelectronics GmbH AM462 Datasheet HTML 18Page - Analog Microelectronics GmbH AM462 Datasheet HTML 19Page - Analog Microelectronics GmbH AM462 Datasheet HTML 20Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
Oktober 2007 – Rev.2.5 -Page 19/20
Phone: +49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet:
http://www.analogmicro.de
Email: info@analogmicro.de
• Application as an analog output IC and supply unit for sensors
V
REF = 5/10V
V
CV REF = 3.3V
AM462
6...35V
0/4...20mA
Protection against
short circuiting and
reverse polarity
DAC
µP
Sensor
Figure 15:
Output IC and supply unit in sensor applications
• Application as a front-end and back-end IC for microprocessors
µP
AM462
Sensor
6...35V
0/4...20mA
Protection against
short circuiting and
reverse polarity
V =5/10V
REF
V=3.3V
CVREF
ADC DAC
Figure 16:
Application as an analog front end and back end for microprocessors
(Frame ASIC concept)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com