Electronic Components Datasheet Search
  English  ▼

X  

SLRC61002HNT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SLRC61002HNT
Description  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HNT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SLRC61002HNT Datasheet HTML 18Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 19Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 20Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 21Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 22Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 23Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 24Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 25Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
001aam303
MSB
acknowledgement
signal from slave
acknowledgement
signal from receiver
clock line held low while
interrupts are serviced
byte complete,
interrupt within slave
1
2
7
8
9
1
2
9
ACK
ACK
3 - 8
Sr
or
P
P
Sr
S
or
Sr
Figure 14. Data transfer on the I2C- bus
8.4.4.6 I2C 7-bit addressing
During the I2C-bus addressing procedure, the first byte after the START condition is used to determine which
slave will be selected by the master.
Alternatively the I2C address can be configured in the EEPROM. Several address numbers are reserved for
this purpose. During device configuration, the designer has to ensure, that no collision with these reserved
addresses in the system is possible. Check the corresponding I2C specification for a complete list of reserved
addresses.
For all SLRC610 devices the upper 5 bits of the device bus address are reserved by NXP and set to 01010(bin).
The remaining 2 bits (ADR_2, ADR_1) of the slave address can be freely configured by the customer in order
to prevent collisions with other I2C devices by using the interface pins (refer to Table 8) or the value of the I2C
address EEPROM register (refer to Table 30).
001aam304
Bit 6
Bit 5
Bit 4
slave address
Bit 3
Bit 2
Bit 1
Bit 0
R/W
MSB
LSB
Figure 15. First byte following the START procedure
8.4.4.7 I2C-register write access
To write data from the host controller via I2C to a specific register of the SLRC610 the following frame format
shall be used.
The read/write bit shall be set to logic 0.
The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the
register address followed by up to n-data bytes. In case the address indicates the FIFO, in one frame all n-data
bytes are written to the FIFO register address. This enables for example a fast FIFO access.
8.4.4.8 I2C-register read access
To read out data from a specific register address of the SLRC610 the host controller shall use the procedure:
First a write access to the specific register address has to be performed as indicated in the following frame:
The first byte of a frame indicates the device address according to the I2C rules. The second byte indicates the
register address. No data bytes are added.
The read/write bit shall be logic 0.
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
22 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com