Electronic Components Datasheet Search
  English  ▼

X  

SLRC61002HNT Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SLRC61002HNT
Description  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HNT Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SLRC61002HNT Datasheet HTML 25Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 26Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 27Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 28Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 29Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 30Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 31Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 32Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
byte. In this case all the parameters (FIFO length, Watermark...) require a single byte only for definition. In case
of a 512 byte FIFO length the definition of this values requires 2 bytes.
8.5.2 Accessing the FIFO buffer
When the μ-Controller starts a command, the SLRC610 may, while the command is in progress, access the
FIFO-buffer according to that command. Physically only one FIFO-buffer is implemented, which can be used in
input and output direction. Therefore the μ-Controller has to take care, not to access the FIFO buffer in a way
that corrupts the FIFO data.
8.5.3 Controlling the FIFO buffer
Besides writing to and reading from the FIFO buffer, the FIFO-buffer pointers might be reset by setting the bit
FIFOFlush in FIFOControl to 1. Consequently, the FIFOLevel bits are set to logic 0, the actually stored bytes
are not accessible any more and the FIFO buffer can be filled with another 512 bytes (or 255 bytes if the bit
FIFOSize is set to 1) again.
8.5.4 Status Information about the FIFO buffer
The host may obtain the following data about the FIFO-buffers status:
• Number of bytes already stored in the FIFO-buffer. Writing increments, reading decrements the FIFO level:
FIFOLength in register FIFOLength (and FIFOControl Register in 512 byte mode)
• Warning, that the FIFO-buffer is almost full: HiAlert in register FIFOControl according to the value of the water
level in register WaterLevel (Register 02h bit [2], Register 03h bit[7:0])
• Warning, that the FIFO-buffer is almost empty: LoAlert in register FIFOControl according to the value of the
water level in register WaterLevel (Register 02h bit [2], Register 03h bit[7:0])
• FIFOOvl bit indicates, that bytes were written to the FIFO buffer although it was already full: ErrIRQ in register
IRQ0.
WaterLevel is one single value defining both HiAlert (counting from the FIFO top) and LoAlert (counting from the
FIFO bottom). The SLRC610 can generate an interrupt signal if:
• LoAlertIRQEn in register IRQ0En is set to logic 1 it will activate pin IRQ when LoAlert in the register
FIFOControl changes to 1.
• HiAlertIRQEN in register IRQ0En is set to logic 1 it will activate pin IRQ when HiAlert in the register
FIFOControl changes to 1.
The bit HiAlert is set to logic 1 if maximum water level bytes (as set in register WaterLevel) or less can be stored
in the FIFO-buffer. It is generated according to the following equation:
(2)
The bit LoAlert is set to logic 1 if water level bytes (as set in register WaterLevel) or less are actually stored in
the FIFO-buffer. It is generated according to the following equation:
(3)
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
29 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com