Electronic Components Datasheet Search
  English  ▼

X  

SLRC61002HNT Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SLRC61002HNT
Description  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HNT Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SLRC61002HNT Datasheet HTML 35Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 36Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 37Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 38Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 39Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 40Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 41Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 42Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
Address 01h
Product ID
SLRC610
20h
Table 30. Product ID overview of CLRC663 family...continued
Version: This register indicates the version of the EEPROM initialization data during production. (Identification
of the Hardware version is available in the register 7Fh, not in the EEPROM Version address. The hardware
information in register 7Fh is hardwired and therefore independent from any EEPROM configuration.)
Unique Identifier: Unique number code for this device
Manufacturer Data: This data is programmed during production. The content is not intended to be used by any
application and might be not the same for different devices. Therefore this content needs to be considered to be
undefined.
Address
(Hex.)
0
1
2
3
4
5
6
7
20
I2C_Address
Interface I2C SAM_Address DefaultProtRx DefaultProtTx
-
TxCRCPreset
28
RxCRCPreset
-
-
-
-
-
-
30
-
38
-
Table 31. Configuration area (Page 0)
I2C-Address: Two possibilities exist to define the address of the I2C interface. This can be done either by
configuring the pins IF0, IF2 (address is then 10101xx, xx is defined by the interface pins IF0, IF2) or by writing
value into the I2C address area. The selection, which of this 2-information pin configuration or EEPROM content
- is used as I2C-address is done at EEPROM address 21h (Interface, bit4)
InterfaceThis section describes the interface byte configuration.
Bit
7
6
5
4
3
2
1
0
I2C_HSP
-
-
I2C_Address
Boundary Scan
Host
access rights
r/w
RFU
RFU
r/w
r/w
-
-
-
Table 32. Interface byte
Bit
Symbol
Description
7
I2C_HSP
when cleared, the high speed mode is used
when set, the high speed+ mode is used (default)
6, 5
RFU
-
4
I2C_Address
when cleared, the pins are used (default)
when set, the EEPROM is used
3
Boundary Scan
when set, the boundary scan interface is ON (default)
when cleared, the boundary scan is OFF
2 to 0
Host
000b - RS232
001b - I2C
010b - SPI
011b - I2CL
1xxb - pin selection
Table 33. Interface bits
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
39 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com