Electronic Components Datasheet Search
  English  ▼

X  

SLRC61002HNT Datasheet(PDF) 72 Page - NXP Semiconductors

Part # SLRC61002HNT
Description  High-performance ICODE frontend SLRC610 and SLRC610 plus
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC61002HNT Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button SLRC61002HNT Datasheet HTML 68Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 69Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 70Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 71Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 72Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 73Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 74Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 75Page - NXP Semiconductors SLRC61002HNT Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 139 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
Bit
Symbol
Description
7 to 0
T4ReloadHi
Defines high byte of the for the reload value of timer 4. With the start event the timer
4 loads the T4ReloadVal. Changing this register affects the timer only at the next start
event.
Table 117. T4ReloadHi bits
9.7.2.22 T4ReloadLo
Low byte of the reload value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4ReloadLo
Access
rights
r/w
Table 118. T4ReloadLo register (address 25h)
Bit
Symbol
Description
7 to 0
T4ReloadLo
Defines the low byte of the reload value of the timer 4. With the start event the timer
loads the value of the T4ReloadVal. Changing this register affects the timer only at the
next start event.
Table 119. T4ReloadLo bits
9.7.2.23 T4CounterValHi
High byte of the counter value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValHi
Access
rights
dy
Table 120. T4CounterValHi register (address 26h)
Bit
Symbol
Description
7 to 0
T4CounterValHi
High byte of the current counter value of timer 4.
Table 121. T4CounterValHi bits
9.7.2.24 T4CounterValLo
Low byte of the counter value of the 16-bit timer 4.
Bit
7
6
5
4
3
2
1
0
Symbol
T4CounterValLo
Access
rights
dy
Table 122. T4CounterValLo register (address 27h)
SLRC610
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.1 — 3 January 2024
72 / 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com