Electronic Components Datasheet Search
  English  ▼

X  

1933765 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1933765
Description  ZFKDSA 1-3,81-20 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1933765 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1933765 Datasheet HTML 1Page - PHOENIX CONTACT 1933765 Datasheet HTML 2Page - PHOENIX CONTACT 1933765 Datasheet HTML 3Page - PHOENIX CONTACT 1933765 Datasheet HTML 4Page - PHOENIX CONTACT 1933765 Datasheet HTML 5Page - PHOENIX CONTACT 1933765 Datasheet HTML 6Page - PHOENIX CONTACT 1933765 Datasheet HTML 7Page - PHOENIX CONTACT 1933765 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
hot-dip tin-plated
Metal surface terminal point (top layer)
Tin (10 - 16 µm Sn)
Metal surface soldering area (top layer)
Tin (10 - 16 µm Sn)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Material data – actuating element
Color (Actuating element)
green (6021)
Dimensions
Dimensional drawing
Pitch
3.81 mm
Width [w]
79.24 mm
Height [h]
18.5 mm
Length [l]
16.9 mm
Installed height
15 mm
Solder pin length [P]
3.5 mm
Pin dimensions
0.7 x 0.8 mm
PCB design
Hole diameter
1.2 mm
Electrical tests
Air clearances and creepage distances |
Specification
IEC 60664-1:2007-04
ZFKDSA 1-3,81-20 - PCB terminal block
1933765
https://www.phoenixcontact.com/us/products/1933765
Mar 11, 2024, 5:59 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com