Electronic Components Datasheet Search
  English  ▼

X  

1933765 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1933765
Description  ZFKDSA 1-3,81-20 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1933765 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  1933765 Datasheet HTML 1Page - PHOENIX CONTACT 1933765 Datasheet HTML 2Page - PHOENIX CONTACT 1933765 Datasheet HTML 3Page - PHOENIX CONTACT 1933765 Datasheet HTML 4Page - PHOENIX CONTACT 1933765 Datasheet HTML 5Page - PHOENIX CONTACT 1933765 Datasheet HTML 6Page - PHOENIX CONTACT 1933765 Datasheet HTML 7Page - PHOENIX CONTACT 1933765 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Accessories
SZF 0-0,4X2,5 - Screwdriver
1204504
https://www.phoenixcontact.com/us/products/1204504
Actuation tool, for ST terminal blocks, also suitable for use as a bladed
screwdriver, size: 0.4 x 2.5 x 75 mm, 2-component grip, with non-slip grip
SK 3,81/2,8:FORTL.ZAHLEN - Marker card
0804109
https://www.phoenixcontact.com/us/products/0804109
Marker card, Sheet, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 .
.. 20, etc. up to 91 ... (99)100, mounting type: adhesive, for terminal block width:
3.81 mm, lettering field size: 3.81 x 2.8 mm, Number of individual labels: 14
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
ZFKDSA 1-3,81-20 - PCB terminal block
1933765
https://www.phoenixcontact.com/us/products/1933765
Mar 11, 2024, 5:59 AM
Page 8 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com